Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MMA6901Q Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Sensors
24
Freescale Semiconductor
MMA690xQ
3.3
REPRESENTATION
3.3.1
Overrange Response
Positive acceleration levels which exceed the full-scale range of the device fall into two categories: overrange and overflow.
Overrange conditions exist when the signal level is beyond the full-scale range of the device but within the computational limits
of the DSP. An overflow condition occurs if the output of the low-pass filter equals or exceeds the maximum digital value which
can be output from the sinc filter. Sinc filter saturation will occur before the internal data path width is exceeded. At 25
°C and
OVLD = 0, the sinc filter will not saturate at sustained acceleration levels with the range of
±200g. The DSP operates predictably
under all cases of overrange, although the signal may include residual high frequency components for some time after returning
to the normal range of operation due to non-linear effects of the sensor. If an overflow condition occurs, the signal is internally
clipped. The DSP will recover from an overflow condition within a few sample times after the input signal returns to the input range
of the DSP. Due to internal clipping within the DSP, some high-frequency artifacts may be present in the output following an over-
flow condition.
For negative acceleration levels, corresponding underrange and underflow conditions are defined.
3.4
CAP/HOLD INPUT
The CAP/HOLD input provides a system-level synchronization mechanism. When driven high, transfer of acceleration results
from the DSP to the SPI buffers does not occur. The DSP continues its normal operation regardless of the state of CAP/HOLD.
Data read from the device when CAP/HOLD is high will reflect the last values available from the DSP at the time of the signal
transition.
Table 3-10. Nominal 11-bit Acceleration Data Values
11-bit Unsigned
Digital Value
Nominal Acceleration
3.5g Range
5.0g Range
2047
Critical/Reset Exception Value
2046
Invalid Axis Selection
2045
Overflow
2044
Overrange
2043
+3.50g
+5.00g
2042
+3.50g
+5.00g
2041
+3.49g
+4.99g
•
•
•
•
•
•
•
•
•
1027
+10.3 mg
+14.7 mg
1026
+6.87 mg
+9.81 mg
1025
+3.43 mg
+4.91 mg
1024
0g
0g
1023
-3.43 mg
-4.91 mg
1022
-6.87 mg
-9.81 mg
1021
-10.3 mg
-14.7 mg
•
•
•
•
•
•
•
•
•
7
-3.49g
-4.99g
6
-3.50g
-5.00g
5
-3.50g
-5.00g
4
Underrange
3
Underflow
2
SPI Clock Fault
1
DIN Parity Fault
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com