| Electronic Components Datasheet Search |
|
MMA6901Q Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA6901Q Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 36 page ![]() Sensors 4 Freescale Semiconductor MMA690xQ 1.4.1 VCC This pin supplies power to the device. Careful printed wiring board layout and capacitor placement is critical to ensure best performance. An external bypass capacitor between this pin and VSS is required, as described in Section 1.5. 1.4.2 VSS This pin is the power supply return node for the digital circuitry on the MMA690xQ device. 1.4.3 VSSA This pin is the power supply return node for analog circuitry on the MMA690xQ device. An external bypass capacitor between this pin and VCC is required, as described in Section 1.5. 1.4.4 CREG This pin is connected to the internal digital circuitry power supply rail. An external filter capacitor must be connected between this pin and VSS, as described in Section 1.5. 1.4.5 CREGA These pins are connected in parallel to the internal analog circuitry power supply rail. One or two external filter capacitors must be connected between these pins and VSSA, as described in Section 1.5. Two pins are provided to support redundant connection to the printed wiring board assembly. Redundant external capacitors may be connected to these pins for maximum reliability, as described in Section 1.5. 1.4.6 CREF These pins are connected in parallel to an internal reference voltage node utilized by the analog circuitry. One or two external filter capacitors must be connected between these pins and VSSA, as described shown in Section 1.5. Two pins are provided to support redundant connection to the printed wiring board assembly. Redundant external capacitors may be connected to these pins for maximum reliability, as described in Section 1.5. 1.4.7 VPP This pin should be tied directly to VSS. 1.4.8 SCLK This input pin provides the serial clock to the SPI port. The state of this pin is also used as a qualifier for externally-controlled reset. An internal pull-down device is connected to this pin. This input may be used to initiate device reset as described in Section 1.4.9 and Section 2.6. 1.4.9 CS/RESET This pin functions as the chip select input for the SPI port. The state of the DIN pin during low-to-high transitions of SCLK is latched internally and DOUT is enabled when CS is at a logic low level. This pin may also be used to initiate a hardware reset. If CS is held low and SCLK is held high for 512 μs, the internal reset signal is asserted. This behavior is described in Section 2.6. An internal pull-up device is connected to this pin. 1.4.10 DOUT This pin functions as the serial data output for the SPI port. 1.4.11 DIN This pin functions as the serial data input to the SPI port. 1.4.12 CAP/HOLD When this input pin is low, the SPI acceleration result registers are updated by the DSP whenever a data sample becomes available. Upon a low-to-high transition of CAP/HOLD, the contents of the acceleration result registers are frozen. The result reg- isters will not be updated so long as this pin remains at a logic ‘1’ level. This pin may be tied directly to VSS if the hold function is not desired. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |