Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA6901Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Sensors
Freescale Semiconductor
5
MMA690xQ
1.4.13
PCM_X, PCM_Y
MMA690xQ provides the option for a Pulse Code Modulated (PCM) output function. The PCM output is activated when
PCM_EN is set in the DEVCTL register. When the PCM function is enabled, the upper nine bits of the 11-bit scaled acceleration
values are used to generate PCM signals proportional to incident respective acceleration, at 250 ns resolution. A simplified block
diagram of the PCM output is shown in Figure 1-4.
Figure 1-4 PCM Output Function Block Diagram
OUTPUT SCALING
OC[9:1]
A
9-BIT ADDER
PCM_X/PCM_Y
B
CARRY
SUM
fCLK = 4.0 MHz
9
9
9
D
FF
CLK
Q
D
FF
CLK
Q
D
FF
CLK
Q
D
FF
CLK
Q
D
FF
CLK
Q
D
FF
CLK
Q
D
FF
CLK
Q
D
FF
CLK
Q
D
FF
CLK
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com