Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA6901Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Sensors
2
Freescale Semiconductor
MMA690xQ
SECTION 1 INTRODUCTION
1.1
INTRODUCTION
MMA690xQ is a two-axis member of Freescale’s family of SPI-compatible accelerometers. These devices incorporate digital
signal processing for filtering, trim, and data formatting.
1.2
SERIAL COMMUNICATION CONFIGURATION
The serial communication configuration provides a 4-wire SPI interface. Device serial number, acceleration range, filter char-
acteristics, and status information are available along with acceleration data via the SPI.
1.3
BLOCK DIAGRAM
A block diagram illustrating the major components of the design is shown in Figure 1-1.
Figure 1-1 Block Diagram
SPI
VCC
VSS
DIN
DOUT
SCLK
CS
SELF-TEST
CREG
CREF
VPP
PCM_X
INTERFACE
TEMP.
SENSOR
ΣΔ
CONVERTER
VOLTAGE
REGULATOR
g-CELL
(Y)
g-CELL
(X)
CONTROL
LOGIC
UNIT
DATA ARRAY
PROGRAMMABLE
ΣΔ
CONVERTER
CLOCK
INTERNAL
MONITOR
CREGA
CAP/HOLD
PCM
PCM_Y
IN 1
IN 0
DIGITAL
Y OUT
X OUT
DSP
TEMP
(SEE FIGURE 1-2)
OUT
CONTROL
IN
STATUS
OUT
PCM
CREF
CREGA
VSSA
CLOCK
PRIMARY
OSCILLATOR
REFERENCE
OSCILLATOR
SINC
FILTER
SINC
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com