Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA6901Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Sensors
10
Freescale Semiconductor
MMA690xQ
Figure 2-2 DSP Input Multiplexor Verification Flow Chart (Y Axis)
2.1.4
Temperature Sensor Value (TEMP)
This read-only register contains a signed value which provides a relative temperature indication. The temperature sensor is
uncalibrated and its output for a given temperature will vary from one device to the next. The value in this register increases with
temperature.
2.1.5
Device Status Register (DEVSTAT)
This read-only register is accessible in all modes.
2.1.5.1
Internal Data Error Flag (IDE)
This flag will be set if a register data parity fault or a marginally programmed fuse is detected. Device reset is required to clear
this fault condition. If a parity error is associated with the data stored in the fuse array, this fault condition cannot be cleared. This
flag is disabled when the device is in test mode.
2.1.5.2
Device Initialization Flag (DEVINIT)
This flag is set during the interval between negation of internal reset and completion of device initialization. DEVINIT is cleared
automatically.
Table 2-6. Temperature Sensor Value Register
Location
Bit Function
Address
Register
7
6
5
4
3
2
1
0
$0F
TEMP
TEMP[7]
TEMP[6]
TEMP[5]
TEMP[4]
TEMP[3]
TEMP[2]
TEMP[1]
TEMP[0]
Table 2-7. Device Status Register
Location
Bit Function
Address
Register
7
6
5
4
3
2
1
0
$10
DEVSTAT
IDE
0
DEVINIT
TF
0
0
0
DEVRES
YINV = 0, ST1 = 0, ST0 = 1
READ ACCELERATION (R1)
MULTIPLEXOR
R1 > R2
Y
N
YINV = 0, ST1 = 1, ST0 = 1
READ ACCELERATION (R2)
YINV = 1, ST1 = 0, ST0 = 1
READ ACCELERATION (R3)
YINV = 1, ST1 = 1, ST0 = 1
READ ACCELERATION (R4)
R3 ≤ R4
Y
N
VERIFICATION
SUCCESSFUL
MULTIPLEXOR
VERIFICATION
FAILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com