Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMA6901Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Sensors
12
Freescale Semiconductor
MMA690xQ
2.2
VOLTAGE REGULATORS
Separate internal voltage regulators supply fixed voltages to the analog and digital circuitry. External filter capacitors are
required, as shown in Figure 1-5.
The voltage regulator module includes a voltage monitoring circuitry which holds the device in reset following power-on until
internal voltages have stabilized sufficiently for proper operation. The voltage monitor asserts internal reset when the external
supply or internally regulated voltages fall below predetermined levels.
A reference generator provides a stable voltage which is used by the
ΣΔ converter. This circuit also requires an external filter
capacitor.
The voltage regulator module is illustrated in Figure 2-3 and Figure 2-4.
Figure 2-3 Power Distribution
CREGA
CREF
CREG
CREF
CREGA
VCC
VOLTAGE
REGULATOR
VOLTAGE
REGULATOR
REFERENCE
GENERATOR
VREGA = 2.50 V
DIGITAL
LOGIC
DSP
OTP
ARRAY
PRIMARY
OSCILLATOR
OTP
ARRAY
REFERENCE
OSCILLATOR
ΣΔ
CONVERTER
BANDGAP
REFERENCE
BIAS
GENERATOR
TRIM
TRIM
BIAS
GENERATOR
ΣΔ
CONVERTER
VBG
VREF = 1.250V
VREG = 2.50V
BANDGAP
REFERENCE
VBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com