Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MMA6901Q Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Sensors
26
Freescale Semiconductor
MMA690xQ
SECTION 5 PERFORMANCE SPECIFICATION
5.1
MAXIMUM RATINGS
Maximum ratings are the extreme limits to which the device can be exposed without permanently damaging it. The device
contains circuitry to protect the inputs against damage from high static voltages; however, do not apply voltages higher than those
shown in the table below. Keep input and output voltages within the range VSS ≤ V ≤ VCC.
5.2
OPERATING RANGE
The operating ratings are the limits normally expected in the application and define the range of operation.
Rating
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 to +7
V
(1)
1.Verified by characterization, not tested in production.
CREG, CREGA, CREF
VREG
-0.3 to +3
V
(1)
VPP
VREG
-0.3 to +11
V
(1)
SCLK, CS, DIN, CAP/HOLD, PCM_X, PCM_Y
VIN
-0.3 to VCC + 0.3
V
(1)
DOUT (high impedance state)
VIN
-0.3 to VCC + 0.3
V
(1)
Current Drain per Pin Excluding VCC and VSS
I10
mA
(1)
Powered Shock (six sides, 0.5 ms duration)
gpms
±1500
g
(1)
Unpowered Shock (six sides, 0.5 ms duration)
gshock
±2000
g
(1)
Drop Shock (to concrete surface)
hDROP
1.2
m
(1)
Electrostatic Discharge
Human Body Model (HBM)
Charge Device Model (CDM)
Machine Model (MM)
VESD
VESD
VESD
±2000
±500
±200
V
V
V
(1)
(1)
(1)
Storage Temperature Range
Tstg
-40 to +125
°C
(1)
Characteristic
Symbol
Min
Typ
Max
Units
Supply Voltage
Standard Operating Voltage, 3.3 V operating range
Standard Operating Voltage, 5.0 V operating range
VCC
VCC
VL
+3.15
+4.75
+3.3
+5.0
VH
+3.45
+5.25
V
V
(1)
(1)
1.Characterized at all values of VL and VH. Production test is conducted at typical voltage unless otherwise noted.
Operating Temperature Range
TA
TL
-40
—
TH
+105
°C
(2)
2.Parameters tested 100% at final test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com