Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 169 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 165Page - ATMEL Corporation ATMEGA261 Datasheet HTML 166Page - ATMEL Corporation ATMEGA261 Datasheet HTML 167Page - ATMEL Corporation ATMEGA261 Datasheet HTML 168Page - ATMEL Corporation ATMEGA261 Datasheet HTML 169Page - ATMEL Corporation ATMEGA261 Datasheet HTML 170Page - ATMEL Corporation ATMEGA261 Datasheet HTML 171Page - ATMEL Corporation ATMEGA261 Datasheet HTML 172Page - ATMEL Corporation ATMEGA261 Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 226 page
background image
169
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
Flash corruption can easily be avoided by following these design recommendations (one is
sufficient):
1.
Keep the AVR RESET active (low) during periods of insufficient power supply voltage.
This can be done by enabling the internal Brown-out Detector (BOD) if the operating volt-
age matches the detection level. If not, an external low V
CC reset protection circuit can be
used. If a reset occurs while a write operation is in progress, the write operation will be
completed provided that the power supply voltage is sufficient.
2.
Keep the AVR core in Power-down sleep mode during periods of low V
CC. This will pre-
vent the CPU from attempting to decode and execute instructions, effectively protecting
the SPMCSR Register and thus the Flash from unintentional writes.
21.4.4
Programming Time for Flash when Using SPM
The calibrated RC Oscillator is used to time Flash accesses. Table 21-1 shows the typical pro-
gramming time for Flash accesses from the CPU.
Note:
1. Minimum and maximum programming time is per individual operation.
21.5
Register Description
21.5.1
SPMCSR – Store Program Memory Control and Status Register
The Store Program Memory Control and Status Register contains the control bits needed to con-
trol the Program memory operations.
• Bits 7:6 – Res: Reserved Bits
These bits are reserved bits in the ATtiny261/461/861 and always read as zero.
• Bit 5 – SIGRD: Signature Row Read
If this bit is written to one at the same time as SPMEN, the next LPM instruction within three
clock cycles will read a byte from the signature row into the destination register for details. An
SPM instruction within four cycles after SIGRD and SPMEN are set will have no effect.
• Bit 4 – CTPB: Clear Temporary Page Buffer
If the CTPB bit is written while filling the temporary page buffer, the temporary page buffer will be
cleared and the data will be lost.
• Bit 3 – RFLB: Read Fuse and Lock Bits
An LPM instruction within three cycles after RFLB and SPMEN are set in the SPMCSR Register,
will read either the Lock bits or the Fuse bits (depending on Z0 in the Z-pointer) into the destina-
tion register. See “EEPROM Write Prevents Writing to SPMCSR” on page 168 for details.
Table 21-1.
SPM Programming Time
(1)
Symbol
Min Programming Time
Max Programming Time
Flash write (Page Erase, Page Write, and
write Lock bits by SPM)
3.7 ms
4.5 ms
Bit
7
6
5
4
3
2
1
0
0x37 (0x57)
––
SIGRD
CTPB
RFLB
PGWRT
PGERS
SPMEN
SPMCSR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com