Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 169Page - ATMEL Corporation ATMEGA261 Datasheet HTML 170Page - ATMEL Corporation ATMEGA261 Datasheet HTML 171Page - ATMEL Corporation ATMEGA261 Datasheet HTML 172Page - ATMEL Corporation ATMEGA261 Datasheet HTML 173Page - ATMEL Corporation ATMEGA261 Datasheet HTML 174Page - ATMEL Corporation ATMEGA261 Datasheet HTML 175Page - ATMEL Corporation ATMEGA261 Datasheet HTML 176Page - ATMEL Corporation ATMEGA261 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 226 page
background image
173
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
Notes:
1. See “System Clock Prescaler” on page 32 for details.
2. The CKOUT Fuse allows the system clock to be output on PORTB5. See “Clock Output Buffer”
on page 30 for details.
3. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See Table 7-7 on page 29 for details.
4. The default setting of CKSEL3..0 results in internal RC Oscillator @ 8.0 MHz. See Table 7-6
on page 29 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
22.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
22.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and High-voltage Programming mode, also when the device is
locked. The three bytes reside in a separate address space. The ATtiny261/461/861signature
bytes are given in Table 22-6.
22.4
Calibration Byte
Signature area of the ATtiny261/461/861 has one byte of calibration data for the internal RC
Oscillator. This byte resides in the high byte of address 0x000. During reset, this byte is auto-
matically written into the OSCCAL Register to ensure correct frequency of the calibrated RC
Oscillator.
Table 22-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8(1)
7
Divide clock by 8
0 (programmed)
CKOUT(2)
6
Clock Output Enable
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(3)
SUT0
4
Select start-up time
0 (programmed)(3)
CKSEL3
3
Select Clock source
0 (programmed)(4)
CKSEL2
2
Select Clock source
0 (programmed)(4)
CKSEL1
1
Select Clock source
1 (unprogrammed)(4)
CKSEL0
0
Select Clock source
0 (programmed)(4)
Table 22-6.
Device ID
Parts
Signature Bytes Address
0x000
0x001
0x002
ATtiny261
0x1E
0x91
0x0C
ATtiny461
0x1E
0x92
0x08
ATtiny861
0x1E
0x93
0x0D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com