Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 174 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 170Page - ATMEL Corporation ATMEGA261 Datasheet HTML 171Page - ATMEL Corporation ATMEGA261 Datasheet HTML 172Page - ATMEL Corporation ATMEGA261 Datasheet HTML 173Page - ATMEL Corporation ATMEGA261 Datasheet HTML 174Page - ATMEL Corporation ATMEGA261 Datasheet HTML 175Page - ATMEL Corporation ATMEGA261 Datasheet HTML 176Page - ATMEL Corporation ATMEGA261 Datasheet HTML 177Page - ATMEL Corporation ATMEGA261 Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 226 page
background image
174
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
22.5
Reading the Signature Row from Software
To read the Signature Row from software, load the Z-pointer with the signature byte address
given in Table 22-6 on page 173 and set the SIGRD and SPMEN bits in SPMCSR. When an
LPM instruction is executed within three CPU cycles after the SIGRD and SPMEN bits are set in
SPMCSR, the signature byte value will be loaded in the destination register. The SIGRD and
SPMEN bits will auto-clear upon completion of reading the Signature Row Lock bits or if no LPM
instruction is executed within three CPU cycles. When SIGRD and SPMEN are cleared, LPM will
work as described in the Instruction set Manual.
Note:
Before attempting to set SPMEN it is important to test this bit is cleared showing that the hardware
is ready for a new operation.
22.6
Page Size
22.7
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATtiny261/461/861. Pulses are assumed
to be at least 250 ns unless otherwise noted.
22.7.1
Signal Names
In this section, some pins of the ATtiny261/461/861 are referenced by signal names describing
their functionality during parallel programming, see Figure 22-1 and Table 22-9. Pins not
described in the following table are referenced by pin names.
The XA1/XA0 pins determine the action executed when the XTAL1 pin is given a positive pulse.
The bit coding is shown in Table 22-11.
When pulsing WR or OE, the command loaded determines the action executed. The different
Commands are shown in Table 22-12.
Table 22-7.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
ATtiny261
1K words (2K bytes)
16 words
PC[3:0]
64
PC[9:4]
9
ATtiny461
2K words (4K bytes)
32 words
PC[4:0]
64
PC[10:5]
10
ATtiny861
4K words (8K bytes)
32 words
PC[4:0]
128
PC[11:5]
11
Table 22-8.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM
Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
ATtiny261
128 bytes
2 bytes
EEA[1:0]
64
EEA[6:2]
6
ATtiny461
256 bytes
4 bytes
EEA[1:0]
64
EEA[7:2]
7
ATtiny861
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com