Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 172 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 168Page - ATMEL Corporation ATMEGA261 Datasheet HTML 169Page - ATMEL Corporation ATMEGA261 Datasheet HTML 170Page - ATMEL Corporation ATMEGA261 Datasheet HTML 171Page - ATMEL Corporation ATMEGA261 Datasheet HTML 172Page - ATMEL Corporation ATMEGA261 Datasheet HTML 173Page - ATMEL Corporation ATMEGA261 Datasheet HTML 174Page - ATMEL Corporation ATMEGA261 Datasheet HTML 175Page - ATMEL Corporation ATMEGA261 Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 226 page
background image
172
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
22.2
Fuse Bytes
The ATtiny261/461/861 has three Fuse bytes. Table 22-3, Table 22-4 and Table 22-5 describe
briefly the functionality of all the fuses and how they are mapped into the Fuse bytes. Note that
the fuses are read as logical zero, “0”, if they are programmed.
Notes:
1. See “Alternate Functions of Port B” on page 63 for description of RSTDISBL and DWEN
Fuses.
2. DWEN must be unprogrammed when Lock Bit security is required. See “Program And Data
Memory Lock Bits” on page 171.
3. The SPIEN Fuse is not accessible in SPI Programming mode.
4. See “WDTCR – Watchdog Timer Control Register” on page 46 for details.
5. See Table 23-4 on page 190 for BODLEVEL Fuse decoding.
6. When programming the RSTDISBL Fuse, High-voltage Serial programming has to be used to
change fuses to perform further programming.
Table 22-3.
Fuse Extended Byte
Fuse High Byte
Bit No
Description
Default Value
7
-
1 (unprogrammed)
6
-
1 (unprogrammed)
5
-
1 (unprogrammed)
4
-
1 (unprogrammed)
3
-
1 (unprogrammed)
2
-
1 (unprogrammed)
1
-
1 (unprogrammed)
SELFPRGEN
0
Self-Programming Enable
1 (unprogrammed)
Table 22-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value
RSTDISBL(1)
7
External Reset disable
1 (unprogrammed)
DWEN(2)
6
DebugWIRE Enable
1 (unprogrammed)
SPIEN(3)
6
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON(4)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BODLEVEL2(5)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1(5)
1
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0(5)
0
Brown-out Detector trigger level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com