Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 180 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 180 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 176Page - ATMEL Corporation ATMEGA261 Datasheet HTML 177Page - ATMEL Corporation ATMEGA261 Datasheet HTML 178Page - ATMEL Corporation ATMEGA261 Datasheet HTML 179Page - ATMEL Corporation ATMEGA261 Datasheet HTML 180Page - ATMEL Corporation ATMEGA261 Datasheet HTML 181Page - ATMEL Corporation ATMEGA261 Datasheet HTML 182Page - ATMEL Corporation ATMEGA261 Datasheet HTML 183Page - ATMEL Corporation ATMEGA261 Datasheet HTML 184Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 226 page
background image
180
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
Figure 22-4. Programming the EEPROM Waveforms
22.8.6
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to “Programming the Flash” on
page 177 for details on Command and Address loading):
1.
A: Load Command “0000 0010”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
Set OE to “0”, and BS1 to “0”. The Flash word low byte can now be read at DATA.
5.
Set BS to “1”. The Flash word high byte can now be read at DATA.
6.
Set OE to “1”.
22.8.7
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to “Programming the Flash”
on page 177 for details on Command and Address loading):
1.
A: Load Command “0000 0011”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
Set OE to “0”, and BS1 to “0”. The EEPROM Data byte can now be read at DATA.
5.
Set OE to “1”.
22.8.8
Programming the Fuse Low Bits
The algorithm for programming the Fuse Low bits is as follows (refer to “Programming the Flash”
on page 177 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Give WR a negative pulse and wait for RDY/BSY to go high.
RDY/BSY
WR
OE
RESET +12V
0x11
ADDR. HIGH
DATA
ADDR. LOW
DATA
ADDR. LOW
DATA
XX
XA1/BS2
XA0
PAGEL/BS1
XTAL1
XX
AG
B
C
E
B
C
E
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com