Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 181 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 181 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 177Page - ATMEL Corporation ATMEGA261 Datasheet HTML 178Page - ATMEL Corporation ATMEGA261 Datasheet HTML 179Page - ATMEL Corporation ATMEGA261 Datasheet HTML 180Page - ATMEL Corporation ATMEGA261 Datasheet HTML 181Page - ATMEL Corporation ATMEGA261 Datasheet HTML 182Page - ATMEL Corporation ATMEGA261 Datasheet HTML 183Page - ATMEL Corporation ATMEGA261 Datasheet HTML 184Page - ATMEL Corporation ATMEGA261 Datasheet HTML 185Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 226 page
background image
181
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
22.8.9
Programming the Fuse High Bits
The algorithm for programming the Fuse High bits is as follows (refer to “Programming the
Flash” on page 177 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Set BS1 to “1” and BS2 to “0”. This selects high data byte.
4.
Give WR a negative pulse and wait for RDY/BSY to go high.
5.
Set BS1 to “0”. This selects low data byte.
22.8.10
Programming the Extended Fuse Bits
The algorithm for programming the Extended Fuse bits is as follows (refer to “Programming the
Flash” on page 177 for details on Command and Data loading):
1.
1. A: Load Command “0100 0000”.
2.
2. C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
3. Set BS1 to “0” and BS2 to “1”. This selects extended data byte.
4.
4. Give WR a negative pulse and wait for RDY/BSY to go high.
5.
5. Set BS2 to “0”. This selects low data byte.
Figure 22-5. Programming the FUSES Waveforms
22.8.11
Programming the Lock Bits
The algorithm for programming the Lock bits is as follows (refer to “Programming the Flash” on
page 177 for details on Command and Data loading):
1.
A: Load Command “0010 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs the Lock bit. If LB mode 3 is programmed
(LB1 and LB2 is programmed), it is not possible to program the Boot Lock bits by any
External Programming mode.
3.
Give WR a negative pulse and wait for RDY/BSY to go high.
The Lock bits can only be cleared by executing Chip Erase.
RDY/BSY
WR
OE
RESET +12V
0x40
DATA
DATA
XX
XA1/BS2
XA0
PAGEL/BS1
XTAL1
AC
0x40
DATA
XX
AC
Write Fuse Low byte
Write Fuse high byte
0x40
DATA
XX
AC
Write Extended Fuse byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com