Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 184 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 184 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 180Page - ATMEL Corporation ATMEGA261 Datasheet HTML 181Page - ATMEL Corporation ATMEGA261 Datasheet HTML 182Page - ATMEL Corporation ATMEGA261 Datasheet HTML 183Page - ATMEL Corporation ATMEGA261 Datasheet HTML 184Page - ATMEL Corporation ATMEGA261 Datasheet HTML 185Page - ATMEL Corporation ATMEGA261 Datasheet HTML 186Page - ATMEL Corporation ATMEGA261 Datasheet HTML 187Page - ATMEL Corporation ATMEGA261 Datasheet HTML 188Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 226 page
background image
184
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
22.9.1
Serial Programming Algorithm
When writing serial data to the ATtiny261/461/861, data is clocked on the rising edge of SCK.
When reading data from the ATtiny261/461/861, data is clocked on the falling edge of SCK. See
Figure 23-6 and Figure 23-7 for timing details.
To program and verify the ATtiny261/461/861 in the Serial Programming mode, the following
sequence is recommended (see four byte instruction formats in Table 22-15):
1.
Power-up sequence:
Apply power between V
CC and GND while RESET and SCK are set to “0”. In some sys-
tems, the programmer can not guarantee that SCK is held low during power-up. In this
case, RESET must be given a positive pulse of at least two CPU clock cycles duration
after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable serial programming by sending the Programming
Enable serial instruction to pin MOSI.
3.
The serial programming instructions will not work if the communication is out of synchro-
nization. When in sync. the second byte (0x53), will echo back when issuing the third
byte of the Programming Enable instruction. Whether the echo is correct or not, all four
bytes of the instruction must be transmitted. If the 0x53 did not echo back, give RESET a
positive pulse and issue a new Programming Enable command.
4.
The Flash is programmed one page at a time. The memory page is loaded one byte at a
time by supplying the 5 LSB of the address and data together with the Load Program
memory Page instruction. To ensure correct loading of the page, the data low byte must
be loaded before data high byte is applied for a given address. The Program memory
Page is stored by loading the Write Program memory Page instruction with the 6 MSB of
the address. If polling (RDY/BSY) is not used, the user must wait at least t
WD_FLASH before
issuing the next page. (See Table 22-14.) Accessing the serial programming interface
before the Flash write operation completes can result in incorrect programming.
5.
A: The EEPROM array is programmed one byte at a time by supplying the address and
data together with the appropriate Write instruction. An EEPROM memory location is first
automatically erased before new data is written. If polling (RDY/BSY) is not used, the
user must wait at least t
WD_EEPROM before issuing the next byte. (See Table 22-14.) In a
chip erased device, no 0xFFs in the data file(s) need to be programmed.
B: The EEPROM array is programmed one page at a time. The Memory page is loaded
one byte at a time by supplying the 2 LSB of the address and data together with the Load
EEPROM Memory Page instruction. The EEPROM Memory Page is stored by loading
the Write EEPROM Memory Page Instruction with the 6 MSB of the address. When using
EEPROM page access only byte locations loaded with the Load EEPROM Memory Page
instruction is altered. The remaining locations remain unchanged. If polling (RDY/BSY) is
not used, the used must wait at least t
WD_EEPROM before issuing the next page (See Table
22-8). In a chip erased device, no 0xFF in the data file(s) need to be programmed.
6.
Any memory location can be verified by using the Read instruction which returns the con-
tent at the selected address at serial output MISO.
7.
At the end of the programming session, RESET can be set high to commence normal
operation.
8.
Power-off sequence (if needed):
Set RESET to “1”.
Turn V
CC power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com