Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
34825
FUNCTIONAL DEVICE OPERATION
LOGIC CONTROL FEATURES
reset caused by the VDDIO input or by the I2C bus lines
belongs to system resets.
The hardware reset condition using the I2C signals is
shown in Figure 20. When both the I2C_SCL and the
I2C_SDA have a negative pulse with time of tRSTI2C, a
hardware reset is generated. The result of the reset is same
as a Power-On-Reset.
The operating waveforms of the hardware reset using the
VDDIO pin are shown in Figure 21. The VDDIO detection has
a deglitch-time tVDDIODGT_F. A glitch on the VDDIO with
duration less than the deglitch time will be ignored. If the
pulse on the VDDIO lasts longer than the deglitch time, a
reset from the VDDIO is detected to generate a reset signal.
To effectively reset the 34825, the reset pulse from the
VDDIO needs be longer than the 150
μs minimum reset
pulse width given in the Dynamic Electrical Characteristics
table.
SOFTWARE RESET
In addition to the two hardware reset types, the system
reset has another reset source, the software reset by writing
‘1’ to the RESET bit in the Control register. The Reset bit will
be cleared to ‘0’ at once since it is of W/C type. The
consequence of the software reset is the same as the
hardware reset. All registers will be reset.
Figure 19. Sources of Reset in 34825
Figure 20. Hardware Reset Using the I2C Bus
Figure 21. Hardware Reset Using the VDDIO Input
INTERRUPT
There are eight interrupt sources in the 34825 causing an
interrupt at the INT pin to the host IC. They are accessory
attachment, accessory detachment, short-key press, long
key press, long-pressed key release, VBUS voltage OVP, the
IC temperature OTP, and either the OVP or the OTP
condition is removed. The 34825 detects each event and sets
reset
+
-
VVDDPOR
VDD
I
2C_SDA
I
2C-Bus
Reset
Detection
Delay
Time
I
2C_SCL
VDDIO
VDDIO
Reset
Detection
I2C_SDA
I2C_SCL
Reset
Condition
Start
Condition
Stop
Condition
Reset
8.8~13.5ms
VDDIO
Reset
tVDDIODGT_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com