Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
I2C SERIAL BUS INTERFACE
the corresponding bit in the Interrupt register. As long as the
Interrupt register is set, the INT pin outputs low voltage. The
Interrupt register is not writable. When the Interrupt register is
read, the Interrupt register is cleared automatically. Once the
Interrupt register is cleared, the INT pin returns to high
voltage.
An interrupt mask register is provided to mask unwanted
interrupt source. When the bit of the Interrupt Mask register
is set to 1, the corresponding interrupt source is blocked. The
INT does not output low voltage even though this interrupt bit
is set in the Interrupt register.
LOGIC OUTPUT
There are two open-drain logic output pins, INT and ISET.
The INT pin is related to the interrupt sources as described in
the Interrupt section. The ISET pin is controlled by the
register bit with the same name in the Control register.
The ISET generally is used to control the charge current
level. A typical charger IC uses one external resistor to set
the charge current. By using ISET output, the charger IC can
use two external resistors in parallel to set two charge current
levels, as shown in Figure 27.
I2C SERIAL BUS INTERFACE
The I2C bus is enabled in the Standby, the Power Save,
and the Active modes. The serial clock (SCL) and the serial
data (SDA) lines must be connected to a positive supply
using pull-up resistors. Internally the I2C bus voltage is
referenced to the VDDIO input. The 34825 is a slave device.
Maximum data rate is 400 kbps.
ADDRESSING AND PROTOCOL
The 7-bit address for the 34825 is 0100101, as shown in
Figure 22.
Figure 22. I2C Slave Address
The following three figures show three I2C-bus transaction
protocols. The Word Address is an 8-bit register address in
the 34825.
Figure 23. Master Transmits to Slave (Write Mode)
0
1
0
0
10
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com