Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34825 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34825
PIN CONNECTIONS
18
DM
IO
D- of the USB
connector
D- line of the mini or micro-USB connector
19
DP
IO
D+ of the USB
connector
D+ line of the mini or micro-USB connector
20
ID
Input
ID of the USB
connector
ID pin of the mini or micro-USB connector
21
GND
Ground
Ground
Ground
Table 1. 34825 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section on page 13.
Pin Number
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com