Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34825
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
I2C Reset Timing
I2C reset pulse width
I2C_SDA/I2C_SCL concurrent low time without causing a reset
tRSTI2C
tNRSTI2C
13.5
-
-
-
-
8.8
ms
I2C INTERFACE(4)
SCL Clock Frequency
fSCL
-
-
400
kHz
Bus Free Time between a STOP and START Condition
tBUF
1.3
-
-
μs
Hold Time Repeated START Condition
tHD:STA
0.6
-
-
μs
Low Period of SCL Clock
tLOW
1.3
-
-
μs
High Period of SCL Clock
tHIGH
0.6
-
-
μs
Setup Time for a Repeated START condition
tSU:STA
0.6
-
-
μs
Data Hold Time
tHD:DAT
0
-
-
μs
Data Setup Time
tSU:DAT
100
-
-
ns
Rising Time of Both SDA and SCL Signals
tR
20+0.1CB
-
-
ns
Falling Time of Both SDA and SCL Signals
tF
20+0.1CB
-
-
ns
Setup Time for STOP Condition
tSU:STO
0.6
-
-
μs
Input Deglitch Time (for Both Rising and Falling Edges)
tDGT
55
-
300
ns
Notes
2.
The protection delay is defined as the interval between VBUS voltage rising above the OVP rising threshold, and the OUT pin voltage
dropping below the OVP rising threshold voltage for a VBUS ramp rate of >1.0 V/
μs.
3.
The OVP deglitch timer is only for the falling edge threshold.
4.
These parameters are not tested. They are guaranteed by design.
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VDD = 3.6 V, VBUS = 5.0 V, VDDIO = 3.0 V, -40°C ≤ TA ≤ 85°C (see Figure 1), unless
otherwise noted. Typical values noted reflect the approximate parameter means at VDD = 3.6 V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com