Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
REGISTER MAP
1
R/C
DETACH
0
1: accessory detached
2
R/C
KP
0
1: remote controller short key is pressed
3
R/C
LKP
0
1: remote controller long key is pressed
4
R/C
LKR
0
1: remote controller long key is released
5
R/C
OVP_EN
0
1: VBUS voltage higher than the OVP threshold
6
R/C
OTP_EN
0
1: The temperature of 34825 is above the OTP threshold
7
R/C
OVP_OTP_DIS
0
1: OVP or OTP event is removed
Table 11. Interrupt Mask Register
Bit
Mode
Symbol
Reset
Description
Notes
0
R/W
ATTACH_m
0
1: interrupt disabled
1
R/W
DETACH_m
0
1: interrupt disabled
2
R/W
KP_m
0
1: interrupt disabled
3
R/W
LKP_m
0
1: interrupt disabled
4
R/W
LKR_m
0
1: interrupt disabled
5
R/W
OVP_EN_m
0
1: interrupt disabled
6
R/W
OTP_EN_m
0
1: interrupt disabled
7
R/W
OVP_OTP_DIS_m
0
1: interrupt disabled
Table 12. ADC Result Register
Bit
Mode
Symbol
Reset
Description
Notes
4-0
R
ADC Result
11111
ADC Result of the ID resistor
7-5
R
Reserved
000
Table 13. Timing Set Register
Bit
Mode
Symbol
Reset
Description
Notes
3-0
R/W
Long Key Press
0000
Long key press duration
0000: 300 ms
0001: 400 ms
0010: 500 ms
......
7-4
R/W
Key Press
0000
Normal key press duration
0000: 100 ms
0001: 200 ms
0010: 300 ms
......
Table 14. Timing Table
Setting Value
Key Press
Long Key Press
0000
100 ms
300 ms
0001
200 ms
400 ms
0010
300 ms
500 ms
Table 10. Interrupt Register
Bit
Mode
Symbol
Reset
Description
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com