Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34825
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 4. SPK Switch On Resistance vs Input Voltage
Figure 5. USB Switch On Resistance vs Input Voltage
Figure 6. UART Switch On Resistance vs Input Voltage
Figure 7. MIC Switch On Resistance vs Input Voltage
Figure 8. VDD Supply Current vs Supply Voltage in
Standby Mode
Figure 9. VDD Supply Current vs Temperature In
Standby Mode
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
1.4
1.6
1.8
2.0
2.2
Temperature =85°C
Temperature =25°C
Temperature = -40°C
Input Voltage
( V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.0
2.5
3.0
3.5
4.0
4.5
Temperature = 85°C
Temperature = 25°C
Temperature = -40°C
Input Voltage
( V)
0.00.5
1.0
1.5
2.02.5
3.03.5
20
25
30
35
40
45
Temperature = 85°C
Temperature = 25°C
Temperature = -40°C
Input Voltage
( V)
1.8
1.9
2.0
2.1
2.2
2.3
40
50
60
70
80
90
Temperature = 85°C
Temperature = 25°C
Input Voltage
( V)
Temperature = -40°C
2.53.0
3.54.0
4.55.0
5.5
8.6
8.8
9.0
9.2
9.4
9.6
VDD Voltage
( V)
-40
-20
0
20406080
7
8
9
10
11
Temperature
( °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com