Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
34825
TYPICAL APPLICATIONS
APPLICATION INFORMATION
TYPICAL APPLICATIONS
APPLICATION INFORMATION
ID RESISTANCE VALUE ASSIGNMENT
The ID resistors used with the 34825 are standard 1%
resistors. Table 21 lists the complete 32 ID resistor
assignment. The ones with the Assigned Functions filled are
the ones that are already used with special functions. The
ones reserved can be assigned to other functions.
The remote control architecture is illustrated in Figure 26.
The recommended resistors for the remote control resistor
network are given in Table 22.
Figure 26. Remote Control Architecture
DECOUPLING CAPACITOR
Decoupling capacitors are required at all power supply
input and output pins. For the VDD pin, a X5R capacitor of
1.0
μF is recommended. For VBUS pin, because it also acts
as the microphone input, the decoupling capacitance at
VBUS pin must be carefully considered. Assuming the voice
band is 3.4 kHz and the pull-up resistance for the microphone
is 2k
Ω, the decoupling capacitance at the VBUS pin should
Table 21. ID Resistance Assignment (Unit: k
Ω)
Item#
ADC Result
ID Resistance
Assignment
0
00000
<1.9
Reserved
1
00001
2.0
S0
2
00010
2.604
S1
3
00011
3.208
S2
4
00100
4.014
S3
5
00101
4.820
S4
6
00110
6.03
S5
7
00111
8.03
S6
8
01000
10.03
S7
9
01001
12.03
S8
10
01010
14.46
S9
11
01011
17.26
S10
12
01100
20.5
S11
13
01101
24.07
S12
14
01110
28.7
UART Test Cable 1
15
01111
34.0
UART Test Cable 2
16
10000
40.2
USB Test Cable 1
17
10001
49.9
USB Test Cable 2
18
10010
64.9
Reserved
19
10011
80.6
Reserved
20
10100
102
Reserved
21
10101
121
Reserved
22
10110
150
Reserved
23
10111
200
Carkit Charger
Type 1
24
11000
255
Reserved
25
11001
301
Reserved
26
11010
365
Reserved
27
11011
442
Carkit Charger
Type 2
28
11100
523
Reserved
29
11101
619
R/C Accessory 1
30
11110
1000
R/C Accessory 2
31
11111
-
ID float
Table 22. Remote Control Resistor Values (Unit: k
Ω)
Resistor
Standard Value
ID Resistance
R1
2.0
2.0
R2
0.604
2.604
R3
0.604
3.208
R4
0.806
4.014
R5
0.806
4.82
R6
1.21
6.03
R7
2.0
8.03
R8
2.0
10.03
R9
2.0
12.03
R10
2.43
14.46
R11
2.8
17.26
R12
3.24
20.5
R13
3.57
24.07
R14
590/976
614/1000
Table 21. ID Resistance Assignment (Unit: k
Ω)
Item#
ADC Result
ID Resistance
Assignment
…...
R1
R2
R3
R13
R14
HOLD
ID
GND
S0
S1
S2
S12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com