Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34825
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SPK_L and SPK_R Switches
On resistance (20 Hz to 470 kHz)
Matching between channels
On resistance flatness (from -1.2 to 1.2 V)
RSPK_ON
RSPK_ONMCT
RSPK_ONFLT
-
-
-
1.6
0.05
0.01
3.0
0.15
0.05
Ω
D+ and D- Switches
On resistance (0.1 Hz to 240 MHz)
Matching between channels
On resistance flatness (from 0.0 to 3.3 V)
RUSB_ON
RUSB_ONMCT
RUSB_ONFLT
-
-
-
-
0.1
0.02
5.0
0.5
0.1
Ω
RXD and TXD Switches
On resistance
On resistance flatness (from 0.0 to 3.3V)
RUART_ON
RUART_ONFLT
-
-
-
-
60
5.0
Ω
MIC Switch
On resistance (at below 2.5 V MIC bias voltage)
On resistance flatness (from 1.8 to 2.3 V)
RMIC_ON
RMIC_ONFLT
-
-
-
-
100
5.0
Ω
Pull-down Resistors between SPK_L or SPK_R Pins to GND
RPD_AUDIO
-
100
-
k
Ω
Signal Voltage Range
SPK_L, SPK_R,
D+, D-, RXD, TXD, MIC
-1.5
-0.3
-
-
1.5
3.6
V
PSRR - From VDD (100 mVrms) to DP/DM Pins(4)
20 Hz to 20 kHz with 32/16
Ω load.
VA_PSRR
-
-
-60
dB
Total Harmonic Distortion(4)
20 Hz to 20 kHz with 32/16
Ω load.
THD
-
-
0.05
%
Crosstalk between Two Channels
less than 1.0MHz
VA_CT
-
-60
-
dB
Off-Channel Isolation
Less than 1.0 MHz
VA_ISO
-
-80
-
dB
POWER SUPPLY TYPE IDENTIFICATION
Data Source Voltage
Loaded by 0~200
μA
VDAT_SRC
0.5
0.6
0.7
V
Data Source Current
IDAT_SRC
0
-
200
μA
Data Detect Voltage
Low threshold
High threshold
VDAT_REF
0.3
0.8
0.35
0.9
0.4
1.0
V
Data Sink Current
DM pin is biased between 0.15 to 3.6 V
IDAT_SINK
65
100
135
μA
DP, DM Pin Capacitance
CDP/DM
-
8
-
pF
DP, DM Pin Impedance
All switches are off
RDP/DM
-
50
-
M
Ω
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VDD = 3.6 V, VBUS = 5.0 V, VDDIO = 3.0 V, -40°C ≤ TA ≤ 85°C (see Figure 1), unless
otherwise noted. Typical values noted reflect the approximate parameter means at VDD = 3.6 V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com