Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
ACCESSORY IDENTIFICATION
When the ADC result is 00000, the resistance between the
ID pin and the ground is less than 1.90 k
Ω. The ID_GND bit
in the Status register indicates whether the ID pin is shorted
to ground or not. If the ID pin is shorted to ground with less
than 30
Ω of resistance, the ID_GND pin is set to “1”.
POWER SUPPLY TYPE IDENTIFICATION
The 34825 supports various standard power supplies for
charging the battery. The power supplies supported include
those that are user defined, and the ones defined in the
Battery Charging Specification, Revision 1.0, from the USB
Implementer’s Forum and the CEA-936-A USB Carkit
Specification, from the Consumer Electronics Association.
The five types of power supplies specified in the afore
mentioned two specification documents are listed in Table 7.
The Power Supply Type Identification (PSTI) function is
offered to assist the identification of the power supply type.
The PSTI state machine checks the connection status
between the DP and the DM pins. The state machine starts
when the VBUS pin voltage rises above the VBUS detection
threshold, which is indicated with an VBUS_DET bit in the
status register. The state machine will find out if the DP and
DM pins are shorted, indicated with the DP/DM_SHORT bit,
or the connection has the characteristics of a USB charger,
indicated with the USB_CHG bit. Together with the ID
detection result, the power supply type can be determined.
The conditions for reaching the conclusion of the five
supported power supplies are listed in Table 7.
Table 6. ADC Output vs. Resistor Values (Unit: k
Ω)
ADC Result
RID (kΩ)
ADC Result
RID (kΩ)
ADC Result
RID (kΩ)
ADC Result
RID (kΩ)
00000
(1)
01000
10.03
10000
40.2
11000
255
00001
2.00
01001
12.03
10001
49.9
11001
301
00010
2.604
01010
14.46
10010
64.9
11010
365
00011
3.208
01011
17.26
10011
80.6
11011
442
00100
4.014
01100
20.5
10100
102
11100
523
00101
4.820
01101
24.07
10101
121
11101
619
00110
6.03
01110
28.7
10110
150
11110
1000
00111
8.03
01111
34.0
10111
200
11111
(2)
Notes
1.
If the ID resistance is below 1.90 k
Ω (nominal value), the ADC result is set to 00000.
2.
If the ID line is floating, the ADC result is set to 11111
Table 7. Power Supply Type vs. Detection Result
Item #
VBUS_DET
DP/DM_SHORT
USB_CHG
ID_FLOAT
ADC Result
Accessory Type
1
1
0
0
1
11111
Standard USB Port
2
1
0
1
1
11111
USB Charger
3
1
1
0
1
11111
Dedicated Charger
4
1
1
0
0
10111
Carkit Charger Type 1
5
1
1
0
0
11011
Carkit Charger Type 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com