Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34825
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
POWER OUTPUT (OUT)
Output of the power MOSFET in the 34825. This pin is
connected to a charger input. Bypass to ground with a 1.0
μF
capacitor.
CHARGE CURRENT SETTING (ISET)
Open-drain output to set the charge current according to
the power supply current capability.
VBUS POWER SUPPLY (VBUS)
USB VBUS input. Bypass this pin to ground with a less
than 10 nF capacitor. When the accessory is an audio kit, this
pin is the microphone input to the 34825.
D- OF THE USB CONNECTOR (DM)
D- line of the mini or micro-USB connector.
D+ OF THE USB CONNECTOR (DP)
D+ line of the mini or micro-USB connector.
ID OF THE USB CONNECTOR (ID)
ID pin of the mini or micro-USB connector.
GROUND (GND)
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com