Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 107Page - Microchip Technology PIC12F752 Datasheet HTML 108Page - Microchip Technology PIC12F752 Datasheet HTML 109Page - Microchip Technology PIC12F752 Datasheet HTML 110Page - Microchip Technology PIC12F752 Datasheet HTML 111Page - Microchip Technology PIC12F752 Datasheet HTML 112Page - Microchip Technology PIC12F752 Datasheet HTML 113Page - Microchip Technology PIC12F752 Datasheet HTML 114Page - Microchip Technology PIC12F752 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 111
PIC12F752/HV752
14.0
DIGITAL-TO-ANALOG
CONVERTER (DAC) MODULE
The 5-bit, dual range Digital-to-Analog Converter
(DAC) module supplies a variable voltage reference,
with 64 selectable output levels of which 3 levels are
duplicated. The output is ratiometric with respect to the
input source, VSRC+. See Figure 14-1 for a block
diagram of the DAC module.
The input of the DAC can be connected to two external
voltage connections:
•VDD pin
•VREF+ pin
The output of the DAC module provides a reference
voltage to the following:
• Comparator positive input
• ADC input channel
• FVR input reference
•DACOUT pin
The DAC is enabled by setting the DACEN bit of the
DACCON0 register.
FIGURE 14-1:
DIGITAL-TO-ANALOG CONVERTER BLOCK DIAGRAM
R2(2)
DACOE
VREF+
VDD
DACPSS
R2(30)
VSRC+
DACEN
Full Range
DACOUT
R1(30)
R1(16)
R1(31)
Limited Range
R1(15)
R1(0)
DACRNG
1
0
R2(31)
1
0
R1(1)
R2(1)
R2(0)
DACR<4:0>
11111
11110
00010
00001
00000
11111
11110
10000
01111
00001
00000
5
dac_ref
Note: R2 = 16*R1
(to Comparator, FVR
FVR and ADC modules)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com