Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 108Page - Microchip Technology PIC12F752 Datasheet HTML 109Page - Microchip Technology PIC12F752 Datasheet HTML 110Page - Microchip Technology PIC12F752 Datasheet HTML 111Page - Microchip Technology PIC12F752 Datasheet HTML 112Page - Microchip Technology PIC12F752 Datasheet HTML 113Page - Microchip Technology PIC12F752 Datasheet HTML 114Page - Microchip Technology PIC12F752 Datasheet HTML 115Page - Microchip Technology PIC12F752 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 204 page
background image
PIC12F752/HV752
DS41576A-page 112
Preliminary
 2011 Microchip Technology Inc.
14.1
DAC Positive Voltage Source
The DACPSS bit of the DACCON0 register selects the
positive voltage source, VSRC+. The following voltage
sources are available:
•VDD pin (default)
•VREF+ pin
DAC module can select the positive voltage source
using the DACPSS bit of the DACCON0 register. The
default source, DACPSS = 0, connects VDD to the pos-
itive voltage source (VSRC+). VSRC+ can be changed to
the VREF+ pin by setting DACPSS = 1.
14.2
DAC Range Selection
The DACRNG bit of the DACCON0 register selects
between full-range or limited-range DAC output
voltage.
Each range selects the output in 32 equal steps.
In Full-Range mode, the output is (31/32)*VSRC+. In
Limited-Range mode, the maximum VOUT is limited to
6% of VSRC+, (31/512) * VSRC+.
14.3
Ratiometric Output Level
The DAC output value is derived using a resistor ladder
with one end of the ladder tied to the positive voltage
reference and the other end tied to VSS. If the voltage of
the input source fluctuates, a similar fluctuation will
result in the DAC output value.
The resistor values within the ladder can be found in
Section 20.0 “Electrical Specifications”.
14.4
DAC Output Voltage
The DAC output voltage level of the DAC is determined
by the DACRNG and the DACR<4:0> bits of the
DACCON0 and DACCON1 registers, respectively.
Use Equation 14-1 to determine the value of the DAC
output voltage. Example 14-1 illustrates the calculations
of the minimum, maximum and increment size of the
DAC output voltage in Full Range mode. Example 14-2
illustrates the Limited Range mode of the DAC output
voltage values.
EQUATION 14-1:
DAC OUTPUT VOLTAGE
EXAMPLE 14-1:
FULL RANGE MODE
EXAMPLE 14-2:
LIMITED RANGE MODE
VOUT
VSRC+
 DACR 4:0

2
n
------------------------------






=
Note:
The value of ‘n’ is determined by the DACRNG bit.
When: DACRNG = 0 (Limited Range mode); n = 9;
DACRNG = 1 (Full Range mode); n = 5.
Given: VSRC = VDD = 5V, DACRNG = 1
VOUT = [VSRC+ * (DACR<4:0>/25)]
Minimum VOUT Calculation:
Maximum VOUT Calculation:
Step Increment Calculation:
DACR<4:0> = 0 0000b, (0d);
DACR<4:0> = 1 1111b, (31d);
DACR<4:0> = 0 0001b, (1d);
VOUT = [5V * (0/32)] = 0V;
VOUT = [5V * (31/32)] = 4.84V;
VOUT = [5V * (1/32)] = 156 mV
Full Range Mode Operation:
0V
VOUT 4.84V, with 32-step increments of 156 mV.
Given: VSRC = VDD = 5V, DACRNG = 0
VOUT = [VSRC+ * (DACR<4:0>/29)]
Minimum VOUT Calculation:
Maximum VOUT Calculation:
Step Increment Calculation:
DACR<4:0> = 0 0000b, (0d);
DACR<4:0> = 1 1111b, (31d);
DACR<4:0> = 0 0001b, (1d);
VOUT = [5V * (0/512)] = 0V;
VOUT = [5V * (31/512)] = 303 mV;
VOUT = [5V * (1/512)] = 9.8 mV
Limited Range Mode Operation:
0V
VOUT 303 mV, with 32-step increments of 9.8 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com