Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 110Page - Microchip Technology PIC12F752 Datasheet HTML 111Page - Microchip Technology PIC12F752 Datasheet HTML 112Page - Microchip Technology PIC12F752 Datasheet HTML 113Page - Microchip Technology PIC12F752 Datasheet HTML 114Page - Microchip Technology PIC12F752 Datasheet HTML 115Page - Microchip Technology PIC12F752 Datasheet HTML 116Page - Microchip Technology PIC12F752 Datasheet HTML 117Page - Microchip Technology PIC12F752 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 204 page
background image
PIC12F752/HV752
DS41576A-page 114
Preliminary
 2011 Microchip Technology Inc.
14.8
DAC Control Registers
REGISTER 14-1:
DACCON0: VOLTAGE REFERENCE CONTROL REGISTER 0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
U-0
U-0
DACEN
DACRNG
DACOE
—
—
DACPSS
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
DACEN: DAC Enable bit
1
= DAC is enabled
0
= DAC is disabled
bit 6
DACRNG: DAC Range Selection bit(1)
1
= DAC is operating in Full Range mode
0
= DAC is operating in Limited Range mode
bit 5
DACOE: DAC Voltage Output Enable bit
1
= DAC reference output is enabled to the DACOUT pin(2)
0
= DAC reference output is disabled
bit 4-3
Unimplemented: Read as ‘0’
bit 2
DACPSS: DAC Positive Source Select bits
0
=VDD
1
=VREF+ pin
bit 1-0
Unimplemented: Read as ‘0’
Note 1:
Refer to Equation 14-1.
2:
The DACOUT pin configuration requires additional control bits in the FVRCON register (see Figure 14-3).
REGISTER 14-2:
DACCON1: VOLTAGE REFERENCE CONTROL REGISTER 1
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
DACR<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
DACR<4:0>: DAC Voltage Output Select bits
1 1111
= DAC Voltage Maximum Output

0 0000
= DAC Voltage Minimum Output
Note 1: Refer to Equation 14-1 to calculate the value of the DAC Voltage Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com