Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 136Page - Microchip Technology PIC12F752 Datasheet HTML 137Page - Microchip Technology PIC12F752 Datasheet HTML 138Page - Microchip Technology PIC12F752 Datasheet HTML 139Page - Microchip Technology PIC12F752 Datasheet HTML 140Page - Microchip Technology PIC12F752 Datasheet HTML 141Page - Microchip Technology PIC12F752 Datasheet HTML 142Page - Microchip Technology PIC12F752 Datasheet HTML 143Page - Microchip Technology PIC12F752 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 204 page
background image
PIC12F752/HV752
DS41576A-page 140
Preliminary
 2011 Microchip Technology Inc.
17.3.4
BROWN-OUT RESET (BOR)
The BOREN<1:0> bits in the Configuration Word
register select one of three BOR modes. One mode
has been added to allow control of the BOR enable for
lower current during Sleep. By selecting BOREN<1:0>
= 10, the BOR is automatically disabled in Sleep to
conserve power and enabled on wake-up. See
Register 17-1 for the Configuration Word definition.
A brown-out occurs when VDD falls below VBOR for
greater than parameter TBOR (see Section 20.0
“Electrical Specifications”). The brown-out condition
will reset the device. This will occur regardless of VDD
slew rate. A Brown-out Reset may not occur if VDD falls
below VBOR for less than parameter TBOR.
On any Reset (Power-on, Brown-out Reset, Watchdog
timer, etc.), the chip will remain in Reset until VDD rises
above VBOR (see Figure 17-3). If enabled, the Power-
up Timer will be invoked by the Reset and keep the chip
in Reset an additional 64 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-up Timer will execute a
64 ms Reset.
Table 17-3 summarizes the registers associated with
BOR.
FIGURE 17-3:
BROWN-OUT SITUATIONS
TABLE 17-3:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT RESET
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word
register.
64 ms(1)
Vbor
VDD
Internal
Reset
Vbor
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
Vbor
Vdd
Internal
Reset
Note 1:
64 ms delay only if PWRTE bit is programmed to ‘0’.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
PCON
—
—
—
—
—
—POR
BOR
25
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
18
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Shaded cells are not used by BOR.
Note 1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com