Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 139Page - Microchip Technology PIC12F752 Datasheet HTML 140Page - Microchip Technology PIC12F752 Datasheet HTML 141Page - Microchip Technology PIC12F752 Datasheet HTML 142Page - Microchip Technology PIC12F752 Datasheet HTML 143Page - Microchip Technology PIC12F752 Datasheet HTML 144Page - Microchip Technology PIC12F752 Datasheet HTML 145Page - Microchip Technology PIC12F752 Datasheet HTML 146Page - Microchip Technology PIC12F752 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 143
PIC12F752/HV752
TABLE 17-4:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h/
100h/180h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h/
102h/182h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h/
103h/183h
0001 1xxx
000q quuu(4)
uuuq quuu
(4)
FSR
04h/84h/
104h/184h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
--xx xxxx
--uu uuuu
--uu uuuu
IOCAF
08h
--00 0000
--00 0000
--uu uuuu
PCLATH
0Ah/8Ah/
10Ah/18Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh/
10Bh/18Bh
0000 0000
0000 0000
uuuu uuuu
(2)
PIR1
0Ch
00-- -0-0
00-- -0-0
uu-- -u-u
(2)
PIR2
0Dh
--00 -0-0
--00 -0-0
--uu -u-u(2)
TMR1L
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
10h
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
11h
0000 00-0
uuuu uu-u
uuuu uu-u
T1GCON
12h
0000 0x00
0000 0x00
uuuu uuuu
CCPR1L(1)
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H(1)
14h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON(1)
15h
--00 0000
--00 0000
--uu uuuu
ADRESL(1)
1Ch
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESH(1)
1Dh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0(1)
1Eh
0000 0000
0000 0000
uuuu uuuu
ADCON1(1)
1Fh
-000 ----
-000 ----
-uuu ----
OPTION_REG
81h/181h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
--11 1111
--11 1111
--uu uuuu
IOCAP
88h
--00 0000
--00 0000
--uu uuuu
PIE1
8Ch
00-- -000
00-- -000
uu-- -uuu
PIE2
8Dh
--00 -0-0
--00 -0-0
--uu -u-u
OSCCON
8Fh
--01 -00-
--uu -uu-
--uu -uu-
FVRCON
90h
0000 ----
0000 ----
uuuu ----
DACCON0
91h
000- -0--
000- -0--
uuu- -u--
DACCON1
92h
---0 0000
---0 0000
---u uuuu
CM2CON0
9Bh
0000 -100
0000 -100
uuuu -uuu
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIRx will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 17-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com