Electronic Components Datasheet Search
  English  ▼

X  

DS3170 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS3170
Description  DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3170 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS3170 Datasheet HTML 71Page - Maxim Integrated Products DS3170 Datasheet HTML 72Page - Maxim Integrated Products DS3170 Datasheet HTML 73Page - Maxim Integrated Products DS3170 Datasheet HTML 74Page - Maxim Integrated Products DS3170 Datasheet HTML 75Page - Maxim Integrated Products DS3170 Datasheet HTML 76Page - Maxim Integrated Products DS3170 Datasheet HTML 77Page - Maxim Integrated Products DS3170 Datasheet HTML 78Page - Maxim Integrated Products DS3170 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 230 page
background image
DS3170 DS3/E3 Single-Chip Transceiver
75 of 230
Table 10-18 lists the LAIS decodes for various line AIS enable modes.
Table 10-18. Line AIS Enable Modes
LAIS[1:0]
PORT.CR1
FRAME MODE
DESCRIPTION
AIS CODE
00
DS3
Automatic AIS when DLB is enabled
(PORT.CR4.LBM = 1XX)
DS3AIS
00
E3
Automatic AIS when DLB is enabled
UA1
01
Any
Send UA1
UA1
10
DS3
Send AIS
DS3AIS
10
E3
Send AIS
UA1
11
Any
Disable
none
Table 10-19 lists the PAIS decodes for various payload AIS enable modes.
Table 10-19. Payload (Downstream) AIS Enable Modes
PAIS[2:0]
PORT.CR1
WHEN AIS IS SENT
AIS CODE
000
Always
UA1
001
When LLB (no DLB) active
UA1
010
When PLB active
UA1
011
When LLB(no DLB) or PLB active
UA1
100
When LOS (no DLB) active
UA1
101
When OOF active
UA1
110
When OOF, LOS. LLB (no DLB), or
PLB active
UA1
111
Never
none
10.5.4 Loop Timing Mode
Loop timing mode is enabled by setting the PORT.CR3.LOOPT bit. This mode replaces the clock from the TCLKI
pin with the internal receive clock from either the RLCLK pin if the RX LIU is disabled, or the recovered clock from
the RX LIU if it is enabled. The loop timing mode can be activated in any framing or line interface mode.
10.5.5 HDLC Overhead Controller
The data signal to the receive HDLC controller will be forced to a one while still being clocked when the framer
(DS3, E3), to which the HDLC is connected, detects LOF or AIS. Forcing the data signal to all ones will cause an
HDLC packet abort if the data started to look like a packet instead of allowing a bad, and possibly very long, HDLC
packet.
10.5.6 Trail Trace
There is a single Trail Trace controller for use in line maintenance protocols. The E3-G.832 framer has access to
the trail trace controller.
10.5.7 BERT
There is a Bit Error Rate Test (BERT) circuit for use in generating and detecting test signals in the payload bits.
The BERT can generate and detect PRBS patterns up to 2^32-1 bits as well as repeating patterns up to 32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com