Electronic Components Datasheet Search
  English  ▼

X  

DS3170 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS3170
Description  DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3170 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS3170 Datasheet HTML 25Page - Maxim Integrated Products DS3170 Datasheet HTML 26Page - Maxim Integrated Products DS3170 Datasheet HTML 27Page - Maxim Integrated Products DS3170 Datasheet HTML 28Page - Maxim Integrated Products DS3170 Datasheet HTML 29Page - Maxim Integrated Products DS3170 Datasheet HTML 30Page - Maxim Integrated Products DS3170 Datasheet HTML 31Page - Maxim Integrated Products DS3170 Datasheet HTML 32Page - Maxim Integrated Products DS3170 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 230 page
background image
DS3170 DS3/E3 Single-Chip Transceiver
29 of 230
PIN NAME
TYPE
PIN DESCRIPTION
RPOS /
RDAT
Iad
Receive Positive AMI / Data
RPOS: When the port line is configured for B3ZS, HDB3 or AMI mode and the LIU is
disabled, a high on this pin indicates that a positive pulse has been detected using an
external LIU. The signal is sampled on the positive clock edge of the referenced clock
pin if the clock pin signal is not inverted, otherwise it is sampled on the falling edge of
the clock. The signal is typically referenced to the RLCLK line clock input pins, but it
can be referenced to the RCLKO output pins.
This input signal can be inverted.
RDAT: When the port line interface is configured for UNI mode, the un-encoded
receive signal is input on this pin. The signal is sampled on the positive clock edge of
the referenced clock pin if the clock pin signal is not inverted, otherwise it is sampled
on the falling edge of the clock. The signal is typically referenced to the RLCLK line
clock input pins, but it can be referenced to the RCLK output pins.
This input signal can be inverted.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
RNEG /
RLCV
Iad
Receive Negative AMI / Line Code Violation / Line OH Mask input
RNEG: When the port line is configured for B3ZS, HDB3 or AMI mode and the LIU is
disabled, a high on this pin indicates that a negative pulse has been detected using
an external LIU. The signal is sampled on the positive clock edge of the referenced
clock pin if the clock pin signal is not inverted, otherwise it is sampled on the falling
edge of the clock. The signal is typically referenced to the RLCLK line clock input
pins, but it can be referenced to the RCLKO output pins.
This input signal can be inverted.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
RLCV: When the port line interface is configured for UNI mode, the BPV counter in
the encoder/decoder block is incremented each clock when this signal is high. The
signal is sampled on the positive clock edge of the referenced clock pin if the clock
pin signal is not inverted, otherwise it is sampled on the falling edge of the clock. The
signal is typically referenced to the RLCLK line clock input pins, but it can be
referenced to the RCLKO output pins.
This input signal can be inverted.
DS3/E3 Overhead Interface
TOH
I
Transmit Overhead
TOH: When the port framer is configured for one of the DS3 or E3 framing modes,
this signal will be used to over-write the DS3 or E3 framing overhead bits when
TOHEN is active. In T3 mode, the X-bits, P-bits, M-bits, F-bits, and C-bits are input. In
G.751 E3 mode, all of the FAS, RAI, and National Use bits are input. In G.832 E3
mode, all of the FA1, FA2, EM, TR, MA, NR, and GC bytes are input. The TOHSOF
signal marks the start of the framing bit sequence. This signal is sampled at the same
time as the TOHCLK signal transitions high to low.
This signal can be inverted.
TOHEN
I
Transmit Overhead Enable / Start Of Frame Input
TOHEN: When the port framer is configured for one of the DS3 or E3 framing modes,
this signal will be used the determine which DS3 or E3 framing overhead bits to over-
write with the signal on the TOH pin. The TOHSOF signal marks the start of the
framing bit sequence. This signal is sampled at the same time as the TOHCLK signal
transitions high to low.
This signal can be inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com