Electronic Components Datasheet Search
  English  ▼

X  

DS3170 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS3170
Description  DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3170 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS3170 Datasheet HTML 9Page - Maxim Integrated Products DS3170 Datasheet HTML 10Page - Maxim Integrated Products DS3170 Datasheet HTML 11Page - Maxim Integrated Products DS3170 Datasheet HTML 12Page - Maxim Integrated Products DS3170 Datasheet HTML 13Page - Maxim Integrated Products DS3170 Datasheet HTML 14Page - Maxim Integrated Products DS3170 Datasheet HTML 15Page - Maxim Integrated Products DS3170 Datasheet HTML 16Page - Maxim Integrated Products DS3170 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 230 page
background image
DS3170 DS3/E3 Single-Chip Transceiver
13 of 230
4 FEATURE DETAILS
The following sections describe the features provided by the DS3170 SCT.
4.1
Global Features
Supports the following transmission formats:
C-Bit DS3
M23 DS3
G.751 E3
G.832 E3
All controls and status fields are software accessible over either an 8/16-bit microprocessor port or a slave
serial bus communication port up to 10 Mbps (SPI)
On-chip clock rate adapter incorporates two separate internal PLLs to generate the necessary DS3 or E3 clock
used internally from an input clock reference (DS3, E3, 51.84 MHz, 77.76 MHz, or 19.44 MHz)
Optional transmit loop timed clock mode using the receive clock
Optional transmit clock mode using references generated by the internal Clock Rate Adapter (CLAD)
Clock, data and control signals can be inverted to allow a glueless interface to other devices
Detection of loss of transmit clock and loss of receive clock
Supports gapped 52 MHz clock rates for signals embedded in SONET/SDH
Jitter attenuator can be placed in either transmit or receive path when the LIU is enabled.
Automatic one-second, external or manual update of performance monitoring counters
Framing and line code error insertion available
4.2
Receive DS3/E3 LIU Features
Performs equalization, gain control, and clock and data recovery for incoming DS3 and E3 signals
AGC/Equalizer block handles from 0 dB to 15 dB of cable loss
Interfaces directly to a DSX-3 monitor signal (20 dB flat loss) using built-in pre-amp
Digital and analog Loss of Signal (LOS) detectors (ANSI T1.231 and ITU G.775)
Loss-of-lock status indication for internal phase-locked loop
4.3
Jitter Attenuator Features
Fully integrated, requires no external components
Standards-compliant jitter attenuation/jitter transfer
Can be inserted into the receive path or the transmit path
16-bit buffer depth
4.4
Receive DS3/E3 Framer Features
B3ZS/HDB3 decoding
Frame synchronization for M23 and C-bit Parity DS3, G.751 E3 and G.832 E3
Detection of RAI, AIS, DS3 idle signal, loss of signal (LOS), severely errored framing event (SEFE), change of
frame alignment (COFA), receipt of B3ZS/HDB3 codewords, DS3 application ID bit, DS3 M23/C-bit format
mismatch, G.751 national bit, and G.832 RDI (FERF), payload type, and timing marker bits
Detection and accumulation of bipolar violations (BPV), code violations (CV), excessive zeroes occurrences
(EXZ), F-bit errors, M-bit errors, FAS errors, LOF occurrences, P-bit parity errors, CP-bit parity errors, BIP-8
errors, and far end block errors (FEBE)
Manual or automatic one-second update of performance monitoring counters
The E3 national bit (Sn) is forwarded to a status register bit, the HDLC controller or the FEAC controller
HDLC controller with 256 byte FIFO for DS3 path maintenance data link (PMDL), G.751 national bit, or G.832
NR or GC channels
FEAC controller with four-codeword FIFO for DS3 FEAC channel
16-byte Trail Trace Buffer compares and stores G.832 trail access point identifier
DS3 M23 C-bits configurable as payload or overhead, stored in registers for software inspection
Most framing overhead fields presented on the receive overhead port
Framer pass-through mode for clear-channel applications and externally defined frame formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com