Electronic Components Datasheet Search
  English  ▼

X  

DS3170 Datasheet(PDF) 84 Page - Maxim Integrated Products

Part # DS3170
Description  DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3170 Datasheet(HTML) 84 Page - Maxim Integrated Products

Back Button DS3170 Datasheet HTML 80Page - Maxim Integrated Products DS3170 Datasheet HTML 81Page - Maxim Integrated Products DS3170 Datasheet HTML 82Page - Maxim Integrated Products DS3170 Datasheet HTML 83Page - Maxim Integrated Products DS3170 Datasheet HTML 84Page - Maxim Integrated Products DS3170 Datasheet HTML 85Page - Maxim Integrated Products DS3170 Datasheet HTML 86Page - Maxim Integrated Products DS3170 Datasheet HTML 87Page - Maxim Integrated Products DS3170 Datasheet HTML 88Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 230 page
background image
DS3170 DS3/E3 Single-Chip Transceiver
84 of 230
FEBE errors (C-bit format only) are determined by the C-bits in subframe four (C41, C42, and C43). A value of 111
indicates no error and any other value indicates an error.
The receive alarm indication (RAI) bit will be set high in the transmitter when one or more of the indicated alarm
conditions is present, and low when all of the indicated alarm conditions are absent. Setting the receive alarm
indication on LOS, SEF, LOF, or AIS is individually programmable (on or off).
The Application Identification Channel (AIC) is stored in a register bit. It is determined from the C11 bit. The AIC is
set to one (C-bit format) if the C11 bit is set to one in thirty-one consecutive multiframes. The AIC is set to zero (M23
format) if the C11 bit is set to zero in four of the last thirty-one consecutive multiframes. Note: The stored AIC bit
must not change when an LOS, OOF, or AIS condition is present.
A FEBE is transmitted by default upon reception of a DS3 frame in which a C-bit parity error or a framing error is
detected and counted.
10.6.5 C-bit DS3 Framer/Formatter
10.6.5.1
Transmit C-bit DS3 Frame Processor
The C-bit DS3 frame format is shown in Figure 10-13.
Figure 10-13. DS3 Frame Format
680 Bits
7 Sub-
Frames
X
1
X
2
P
1
P
2
M
1
M
2
M
3
F
11
F
21
F
31
F
41
F
51
F
61
F
71
F
12
F
22
F
32
F
42
F
52
F
62
F
72
F
13
F
23
F
33
F
43
F
53
F
63
F
73
F
14
F
24
F
34
F
44
F
54
F
64
F
74
C
11
C
21
C
31
C
41
C
51
C
61
C
71
C
12
C
22
C
32
C
42
C
52
C
62
C
72
C
13
C
23
C
33
C
43
C
53
C
63
C
73
Table 10-27 shows the function of each overhead bit in the DS3 Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com