| Electronic Components Datasheet Search |
|
DS3170 Datasheet(PDF) 79 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS3170 Datasheet(HTML) 79 Page - Maxim Integrated Products |
|
79 / 230 page ![]() DS3170 DS3/E3 Single-Chip Transceiver 79 of 230 10.6 DS3/E3 Framer / Formatter 10.6.1 General Description The Receive DS3/E3 Framer receives a unipolar DS3/E3 signal, determines frame alignment and extracts the DS3/E3 overhead in the receive direction. The Transmit DS3/E3 Formatter receives a DS3/E3 payload, generates framing, inserts DS3/E3 overhead, and outputs a unipolar DS3/E3 signal in the transmit direction. The Receive DS3/E3 Framer receives a DS3/E3 signal from the Receive LIU or RDAT (or RPOS and RNEG), determines the frame alignment, extracts the DS3/E3 overhead, and outputs the payload with frame and overhead The Transmit DS3/E3 Formatter receives a DS3/E3 payload on TSER, generates a DS3/E3 frame, optionally inserts DS3/E3 overhead, and transmits the DS3/E3 signal. Refer to Figure 10-12 for the location of the DS3/E3 Framer/Formatter blocks in the DS3170. Figure 10-12. Framer Detailed Block Diagram DS3/E3 Transmit LIU IEEE P1149.1 JTAG Test Access Port Microprocessor Interface HDLC FEAC DS3 / E3 Transmit Formatter DS3 / E3 Receive Framer Trail Trace Buffer DS3/E3 Receive LIU TAIS TUA1 Clock Rate Adapter TX BERT RX BERT UA1 GEN B3ZS/ HDB3 Encoder B3ZS/ HDB3 Decoder 10.6.2 Features 10.6.2.1 Transmit Formatter • Programmable DS3 or E3 formatter – Accepts a DS3 (M23 or C-bit) or E3 (G.751 or G.832) signal and performs DS3/E3 overhead generation. • Arbitrary framing format support – Generates a signal with an arbitrary framing format. The line overhead/stuff periods are added into the data stream using an overhead mask signal. • Generates alarms and errors – DS3 alarm conditions (AIS, RDI, and Idle) and errors (framing, parity, and FEBE), or E3 alarm conditions (AIS and RDI/RAI) and errors (framing, parity, and REI) can be inserted into the outgoing data stream. • Externally controlled serial DS3/E3 overhead insertion port – Can insert all DS3 or E3 overhead via a serial interface. DS3/E3 overhead insertion is fully controlled via the serial overhead interface. • HDLC overhead insertion – An HDLC channel can be inserted into the DS3 or E3 data stream. • FEAC insertion – A FEAC channel can be inserted into the DS3 or E3 data stream. • Trail Trace insertion – Inputs and inserts the G.832 E3 TR byte. 10.6.2.2 Receive Framer • Programmable DS3 or E3 framer – Accepts a DS3 (M23 or C-bit) or E3 (G.751 or G.832) signal and performs DS3/E3 overhead termination. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |