| Electronic Components Datasheet Search |
|
DS3170 Datasheet(PDF) 45 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS3170 Datasheet(HTML) 45 Page - Maxim Integrated Products |
|
45 / 230 page ![]() DS3170 DS3/E3 Single-Chip Transceiver 45 of 230 Figure 8-23. SPI Serial Port Access For Write Mode, SPI_CPOL = 0, SPI_CPHA = 0 0 A13 LSB MSB SCK CS* MOSI MISO D7 D6 D5 D4 D3 D2 D1 D0 LSB MSB A4 A3 A2 A1 A0 LSB MSB A12 A11 A10 A9 A8 A7 A6 A5 B Figure 8-24. SPI Serial Port Access For Write Mode, SPI_CPOL = 1, SPI_CPHA = 0 SCK CS* 0 A13 LSB MSB MOSI MISO D7 D6 D5 D4 D3 D2 D1 D0 LSB MSB A4 A3 A2 A1 A0 LSB MSB A12 A11 A10 A9 A8 A7 A6 A5 B Figure 8-25. SPI Serial Port Access For Write Mode, SPI_CPOL = 0, SPI_CPHA = 1 SCK CS* 0 A13 LSB MSB MOSI MISO D7 D6 D5 D4 D3 D2 D1 D0 LSB MSB A4 A3 A2 A1 A0 LSB MSB A12 A11 A10 A9 A8 A7 A6 A5 B Figure 8-26. SPI Serial Port Access For Write Mode, SPI_CPOL = 1, SPI_CPHA = 1 SCK CS* 0 A13 LSB MSB MOSI MISO D7 D6 D5 D4 D3 D2 D1 D0 LSB MSB A4 A3 A2 A1 A0 LSB MSB A12 A11 A10 A9 A8 A7 A6 A5 B 8.3.4.2 Parallel Port Interface Diagrams Figure 8-27 and Figure 8-29 show examples of a 16-bit databus and an 8-bit databus, respectively. In 16-bit mode, the A[0]/BSWAP signal controls whether or not to byte swap. In 8-bit mode, the A[0]/BSWAP signal is used as the LSB of the address bus (A[0]). The selection of databus size is determined by the WIDTH input signal. See also Section 10.1.1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |