Electronic Components Datasheet Search
  English  ▼

X  

DS3170 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS3170
Description  DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3170 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS3170 Datasheet HTML 24Page - Maxim Integrated Products DS3170 Datasheet HTML 25Page - Maxim Integrated Products DS3170 Datasheet HTML 26Page - Maxim Integrated Products DS3170 Datasheet HTML 27Page - Maxim Integrated Products DS3170 Datasheet HTML 28Page - Maxim Integrated Products DS3170 Datasheet HTML 29Page - Maxim Integrated Products DS3170 Datasheet HTML 30Page - Maxim Integrated Products DS3170 Datasheet HTML 31Page - Maxim Integrated Products DS3170 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 230 page
background image
DS3170 DS3/E3 Single-Chip Transceiver
28 of 230
PIN NAME
TYPE
PIN DESCRIPTION
TNEG
O
Transmit Negative AMI / Line OH Mask
TNEG: When the port line is configured for B3ZS, HDB3 or AMI mode and the
transmit line interface pins are enabled (PORT.CR2.
This output signal can be inverted.
TLEN), a high on this pin
indicates that a negative pulse should be transmitted on the line. The signal is
updated on the positive clock edge of the referenced clock pin if the clock pin signal is
not inverted, otherwise it is updated on the falling edge of the clock. The signal is
typically referenced to the TLCLK line clock output pins, but it can be referenced to
the TCLKO, TCLKI, RLCLK or RCLKO pins.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
TXP
Oa
Transmit Positive Analog
TXP: This pin and the TXN pin form a differential AMI output which is coupled to the
outbound 75
Ω coaxial cable through a 2:1 step-down transformer (Figure 2-1). This
output is enabled when the TX LIU is enabled and the output is enabled to be driven.
When it is not enabled, it is in a high impedance state.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
TXN
Oa
Transmit Negative Analog
TXN: This pin and the TXP pin form a differential AMI output which is coupled to the
outbound 75
Ω coaxial cable through a 2:1 step-down transformer (Figure 2-1). This
output is enabled when the TX LIU is enabled and the output is enabled to be driven.
When it is not enabled, it is in a high impedance state.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
RXP
Ia
Receive Positive analog
RXP: This pin and the RXN pin form a differential AMI input which is coupled to the
outbound 75
Ω coaxial cable through a 2:1 step-up transformer (Figure 2-1). This input
is used when the RX LIU is enabled and is ignored when the LIU is disabled.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
RXN
Ia
Receive Negative analog
RXN: This pin and the RXP pin form a differential AMI input which is coupled to the
outbound 75
Ω coaxial cable through a 2:1 step-up transformer (Figure 2-1). This input
is used when the LIU is enabled and is ignored when the LIU is disabled.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
RLCLK
I
Receive Line Clock Input
RLCLK: This clock is typically used for the reference clock for the RPOS / RDAT,
RNEG / RLCV signals but can also be used as the reference clock for the RSER,
RSOFO / RDEN, TSOFI, TSER, TSOFO / TDEN, TPOS / TDAT and TNEG signals.
This input is ignored when the LIU is enabled.
This input signal can be inverted.
o
DS3: 44.736 MHz +20 ppm
o
E3: 34.368 MHz +20 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com