| Electronic Components Datasheet Search |
|
DS3170 Datasheet(PDF) 97 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS3170 Datasheet(HTML) 97 Page - Maxim Integrated Products |
|
97 / 230 page ![]() DS3170 DS3/E3 Single-Chip Transceiver 97 of 230 The bits in a byte are received MSB first, LSB last. When they are output serially, they are output MSB first, LSB last. The bits in a byte in an incoming signal are numbered in the order they are received, 1 (MSB) to 8 (LSB). However, when a byte is stored in a register, the MSB is stored in the lowest numbered bit (0), and the LSB is stored in the highest numbered bit (7). This is to differentiate between a byte in a register and the corresponding byte in a signal. See Figure 10-19 for the location of HDLC controllers within the DS3170 device. Figure 10-19. HDLC Controller Block Diagram 10.7.2 Features • Programmable inter-frame fill – The inter-frame fill between packets can be all 1’s or flags. • Programmable FCS generation/monitoring – An FCS-16 can be generated and appended to the end of the packet, and the FCS can be checked and removed from the end of the packet. • Programmable bit reordering – The packet data can be can be output MSB first or LSB first from the FIFO. • Programmable data inversion – The packet data can be inverted immediately after packet processing on the transmit, and immediately before packet processing on the receive. • Fully independent transmit and receive paths • Fully independent Line side and register interface timing – The data storage can be read from or written to via the microprocessor interface while all line side clocks and signals are inactive, and read from or written to via the line side while all microprocessor interface clocks and signals are inactive. 10.7.3 Transmit FIFO The Transmit FIFO block contains memory for 256 bytes of data with data status information and controller circuitry for reading and writing the memory. The Transmit FIFO controller functions include filling the memory, tracking the memory fill level, maintaining the memory read and write pointers, and detecting memory overflow and underflow conditions. The Transmit FIFO receives data and status from the microprocessor interface, and stores the data along with the data status information in memory. The Transmit Packet Processor reads the data and data status information from the Transmit FIFO. The Transmit FIFO also outputs FIFO fill status (empty/data storage available/full) via the microprocessor interface. All operations are byte based. The Transmit FIFO is considered empty when its memory does not contain any data. The Transmit FIFO is considered to have data storage available when its memory has a programmable number of bytes or more available for storage. The Transmit FIFO is considered full when it does not have any space available for storage. The Transmit FIFO accepts data from the register interface until full. If the Transmit FIFO is written to while the FIFO is full, the write is ignored, and a FIFO overflow condition is declared. The Transmit Packet Processor reads the Transmit FIFO. If the Transmit Packet Processor attempts to read the Transmit FIFO while it is empty, a FIFO underflow condition is declared. DS3/E3 Transmit LIU IEEE P1149.1 JTAG Test Access Port Microprocessor Interface HDLC FEAC DS3 / E3 Transmit Formatter DS3 / E3 Receive Framer Trail Trace Buffer DS3/E3 Receive LIU TAIS TUA1 Clock Rate Adapter TX BERT RX BERT UA1 GEN B3ZS/ HDB3 Encoder B3ZS/ HDB3 Decoder |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |