| Electronic Components Datasheet Search |
|
LPC2109 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2109 Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 46 page ![]() LPC2109_2119_2129 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 7 — 14 June 2011 18 of 46 NXP Semiconductors LPC2109/2119/2129 Single-chip 16/32-bit microcontrollers to trap the timer value when an input signal transitions, optionally generating an interrupt. Multiple pins can be selected to perform a single capture or match function, providing an application with ‘or’ and ‘and’, as well as ‘broadcast’ functions among them. 6.14.1 Features • A 32-bit Timer/Counter with a programmable 32-bit Prescaler. • Timer or external event counter operation • Four 32-bit capture channels per timer that can take a snapshot of the timer value when an input signal transitions. A capture event may also optionally generate an interrupt. • Four 32-bit match registers that allow: – Continuous operation with optional interrupt generation on match. – Stop timer on match with optional interrupt generation. – Reset timer on match with optional interrupt generation. • Four external outputs per timer corresponding to match registers, with the following capabilities: – Set LOW on match. – Set HIGH on match. – Toggle on match. – Do nothing on match. 6.14.2 Features available in LPC2109/2119/2129/01 only The LPC2109/2119/2129/01 can count external events on one of the capture inputs if the external pulse lasts at least one half of the period of the PCLK. In this configuration, unused capture lines can be selected as regular timer capture inputs, or used as external interrupts. • Timer can count cycles of either the peripheral clock (PCLK) or an externally supplied clock. • When counting cycles of an externally supplied clock, only one of the timer’s capture inputs can be selected as the timer’s clock. The rate of such a clock is limited to PCLK / 4. Duration of HIGH/LOW levels on the selected CAPn input cannot be shorter than 1 / (2PCLK). 6.15 Watchdog timer The purpose of the watchdog is to reset the microcontroller within a reasonable amount of time if it enters an erroneous state. When enabled, the watchdog will generate a system reset if the user program fails to ‘feed’ (or reload) the watchdog within a predetermined amount of time. 6.15.1 Features • Internally resets chip if not periodically reloaded. • Debug mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |