Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 11Page - NXP Semiconductors LPC2109 Datasheet HTML 12Page - NXP Semiconductors LPC2109 Datasheet HTML 13Page - NXP Semiconductors LPC2109 Datasheet HTML 14Page - NXP Semiconductors LPC2109 Datasheet HTML 15Page - NXP Semiconductors LPC2109 Datasheet HTML 16Page - NXP Semiconductors LPC2109 Datasheet HTML 17Page - NXP Semiconductors LPC2109 Datasheet HTML 18Page - NXP Semiconductors LPC2109 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
15 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
6.8 10-bit ADC
The LPC2109/2119/2129 each contain a single 10-bit successive approximation ADC with
four multiplexed channels.
6.8.1 Features
• Measurement range of 0 V to 3 V.
• Capable of performing more than 400000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
6.8.2 ADC features available in LPC2109/2119/2129/01 only
• Every analog input has a dedicated result register to reduce interrupt overhead.
• Every analog input can generate an interrupt once the conversion is completed.
• The ADC pads are 5 V tolerant when configured for digital I/O function(s).
6.9 CAN controllers and acceptance filter
The LPC2119 and LPC2129 each contain two CAN controllers, while the LPC2109 has
one CAN controller. The CAN is a serial communications protocol which efficiently
supports distributed real-time control with a very high level of security. Its domain of
application ranges from high-speed networks to low-cost multiplex wiring.
6.9.1 Features
• Data rates up to 1 Mbit/s on each bus.
• 32-bit register and RAM access.
• Compatible with CAN specification 2.0 B, ISO 11898-1.
• Global Acceptance Filter recognizes 11-bit and 29-bit Rx identifiers for all CAN buses.
• Acceptance Filter can provide FullCAN-style automatic reception for selected
Standard identifiers.
6.10 UARTs
The LPC2109/2119/2129 each contain two UARTs. In addition to standard transmit and
receive data lines, the UART1 also provides a full modem control handshake interface.
6.10.1 Features
• 16 B Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
• Transmission FIFO control enables implementation of software (XON/XOFF) flow
control on both UARTs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com