Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 28Page - NXP Semiconductors LPC2109 Datasheet HTML 29Page - NXP Semiconductors LPC2109 Datasheet HTML 30Page - NXP Semiconductors LPC2109 Datasheet HTML 31Page - NXP Semiconductors LPC2109 Datasheet HTML 32Page - NXP Semiconductors LPC2109 Datasheet HTML 33Page - NXP Semiconductors LPC2109 Datasheet HTML 34Page - NXP Semiconductors LPC2109 Datasheet HTML 35Page - NXP Semiconductors LPC2109 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
32 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
Test conditions: Idle mode entered executing code from on-chip flash; PCLK = CCLK⁄4;
Tamb = 25 C; core voltage 1.8 V.
Fig 7.
Typical LPC2109/01 IDD(idle) measured at different frequencies
002aad129
4
6
2
8
10
IDD(idle)
(mA)
0
frequency (MHz)
12
60
44
28
20
52
36
all peripherals enabled
all peripherals disabled
Test conditions: Idle mode entered executing code from on-chip flash; PCLK = CCLK⁄4;
Tamb =25 C; core voltage 1.8 V; all peripherals enabled.
Fig 8.
Typical LPC2109/01 IDD(idle) measured at different voltages
002aad130
5.0
2.5
7.5
10
IDD(idle)
(mA)
0
voltage (V)
1.65
1.95
1.85
1.75
1.70
1.90
1.80
60 MHz
48 MHz
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com