Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 3Page - NXP Semiconductors LPC2109 Datasheet HTML 4Page - NXP Semiconductors LPC2109 Datasheet HTML 5Page - NXP Semiconductors LPC2109 Datasheet HTML 6Page - NXP Semiconductors LPC2109 Datasheet HTML 7Page - NXP Semiconductors LPC2109 Datasheet HTML 8Page - NXP Semiconductors LPC2109 Datasheet HTML 9Page - NXP Semiconductors LPC2109 Datasheet HTML 10Page - NXP Semiconductors LPC2109 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
7 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
P0[15]/RI1/EINT2
45
I
RI1 — Ring Indicator input for UART1.
I
EINT2 — External interrupt 2 input.
P0[16]/EINT0/
MAT0[2]/CAP0[2]
46
I
EINT0 — External interrupt 0 input.
O
MAT0[2] — Match output for Timer 0, channel 2.
I
CAP0[2] — Capture input for Timer 0, channel 2.
P0[17]/CAP1[2]/
SCK1/MAT1[2]
47
I
CAP1[2] — Capture input for Timer 1, channel 2.
I/O
SCK1 — Serial Clock for SPI1/SSP[1]. SPI clock output from master or input to
slave.
O
MAT1[2] — Match output for Timer 1, channel 2.
P0[18]/CAP1[3]/
MISO1/MAT1[3]
53
I
CAP1[3] — Capture input for Timer 1, channel 3.
I/O
MISO1 — Master In Slave Out for SPI1/SSP[1]. Data input to SPI master or data
output from SPI slave.
O
MAT1[3] — Match output for Timer 1, channel 3.
P0[19]/MAT1[2]/
MOSI1/CAP1[2]
54
O
MAT1[2] — Match output for Timer 1, channel 2.
I/O
MOSI1 — Master Out Slave In for SPI1/SSP[1]. Data output from SPI master or data
input to SPI slave.
I
CAP1[2] — Capture input for Timer 1, channel 2.
P0[20]/MAT1[3]/
SSEL1/EINT3
55
O
MAT1[3] — Match output for Timer 1, channel 3.
I
SSEL1 — Slave Select for SPI1/SSP[1]. Selects the SPI interface as a slave.
I
EINT3 — External interrupt 3 input.
P0[21]/PWM5/
CAP1[3]
1O
PWM5 — Pulse Width Modulator output 5.
I
CAP1[3] — Capture input for Timer 1, channel 3.
P0[22]/CAP0[0]/
MAT0[0]
2I
CAP0[0] — Capture input for Timer 0, channel 0.
O
MAT0[0] — Match output for Timer 0, channel 0.
P0[23]/RD2
3
I
CAN2 receiver input (not available on LPC2109).
P0[24]/TD2
5
O
CAN2 transmitter output (not available on LPC2109).
P0[25]/RD1
9
I
CAN1 receiver input.
P0[27]/AIN0/
CAP0[1]/MAT0[1]
11
I
AIN0 — A/D converter, input 0. This analog input is always connected to its pin.
I
CAP0[1] — Capture input for Timer 0, channel 1.
O
MAT0[1] — Match output for Timer 0, channel 1.
P0[28]/AIN1/
CAP0[2]/MAT0[2]
13
I
AIN1 — A/D converter, input 1. This analog input is always connected to its pin.
I
CAP0[2] — Capture input for Timer 0, channel 2.
O
MAT0[2] — Match output for Timer 0, channel 2.
P0[29]/AIN2/
CAP0[3]/MAT0[3]
14
I
AIN2 — A/D converter, input 2. This analog input is always connected to its pin.
I
CAP0[3] — Capture input for Timer 0, Channel 3.
O
MAT0[3] — Match output for Timer 0, channel 3.
P0[30]/AIN3/
EINT3/CAP0[0]
15
I
AIN3 — A/D converter, input 3. This analog input is always connected to its pin.
I
EINT3 — External interrupt 3 input.
I
CAP0[0] — Capture input for Timer 0, channel 0.
P1[0] to P1[31]
I/O
Port 1 is a 32-bit bidirectional I/O port with individual direction controls for each bit.
The operation of port 1 pins depends upon the pin function selected via the Pin
Connect Block. Pins 0 through 15 of port 1 are not available.
Table 3.
Pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com