Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 2Page - NXP Semiconductors LPC2109 Datasheet HTML 3Page - NXP Semiconductors LPC2109 Datasheet HTML 4Page - NXP Semiconductors LPC2109 Datasheet HTML 5Page - NXP Semiconductors LPC2109 Datasheet HTML 6Page - NXP Semiconductors LPC2109 Datasheet HTML 7Page - NXP Semiconductors LPC2109 Datasheet HTML 8Page - NXP Semiconductors LPC2109 Datasheet HTML 9Page - NXP Semiconductors LPC2109 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
6 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type Description
P0[0] to P0[31]
I/O
Port 0 is a 32-bit bidirectional I/O port with individual direction controls for each bit.
The operation of port 0 pins depends upon the pin function selected via the Pin
Connect Block. Pins 26 and 31 of port 0 are not available.
P0[0]/TXD0/
PWM1
19
O
TXD0 — Transmitter output for UART0.
O
PWM1 — Pulse Width Modulator output 1.
P0[1]/RXD0/
PWM3/EINT0
21
I
RXD0 — Receiver input for UART0.
O
PWM3 — Pulse Width Modulator output 3.
I
EINT0 — External interrupt 0 input
P0[2]/SCL/
CAP0[0]
22
I/O
SCL — I2C-bus clock input/output. Open-drain output (for I2C-bus compliance).
I
CAP0[0] — Capture input for Timer 0, channel 0.
P0[3]/SDA/
MAT0[0]/EINT1
26
I/O
SDA — I2C-bus data input/output. Open-drain output (for I2C-bus compliance).
O
MAT0[0] — Match output for Timer 0, channel 0.
I
EINT1 — External interrupt 1 input.
P0[4]/SCK0/
CAP0[1]
27
I/O
SCK0 — Serial clock for SPI0. SPI clock output from master or input to slave.
I
CAP0[1] — Capture input for Timer 0, channel 1.
P0[5]/MISO0/
MAT0[1]
29
I/O
MISO0 — Master In Slave OUT for SPI0. Data input to SPI master or data output
from SPI slave.
O
MAT0[1] — Match output for Timer 0, channel 1.
P0[6]/MOSI0/
CAP0[2]
30
I/O
MOSI0 — Master Out Slave In for SPI0. Data output from SPI master or data input
to SPI slave.
I
CAP0[2] — Capture input for Timer 0, channel 2.
P0[7]/SSEL0/
PWM2/EINT2
31
I
SSEL0 — Slave Select for SPI0. Selects the SPI interface as a slave.
O
PWM2 — Pulse Width Modulator output 2.
I
EINT2 — External interrupt 2 input.
P0[8]/TXD1/
PWM4
33
O
TXD1 — Transmitter output for UART1.
O
PWM4 — Pulse Width Modulator output 4.
P0[9]/RXD1/
PWM6/EINT3
34
I
RXD1 — Receiver input for UART1.
O
PWM6 — Pulse Width Modulator output 6.
I
EINT3 — External interrupt 3 input.
P0[10]/RTS1/
CAP1[0]
35
O
RTS1 — Request to Send output for UART1.
I
CAP1[0] — Capture input for Timer 1, channel 0.
P0[11]/CTS1/
CAP1[1]
37
I
CTS1 — Clear to Send input for UART1.
I
CAP1[1] — Capture input for Timer 1, channel 1.
P0[12]/DSR1/
MAT1[0]
38
I
DSR1 — Data Set Ready input for UART1.
O
MAT1[0] — Match output for Timer 1, channel 0.
P0[13]/DTR1/
MAT1[1]
39
O
DTR1 — Data Terminal Ready output for UART1.
O
MAT1[1] — Match output for Timer 1, channel 1.
P0[14]/DCD1/
EINT1
41
I
DCD1 — Data Carrier Detect input for UART1.
I
EINT1 — External interrupt 1 input.
Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take
control of the part after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com