Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 33Page - NXP Semiconductors LPC2109 Datasheet HTML 34Page - NXP Semiconductors LPC2109 Datasheet HTML 35Page - NXP Semiconductors LPC2109 Datasheet HTML 36Page - NXP Semiconductors LPC2109 Datasheet HTML 37Page - NXP Semiconductors LPC2109 Datasheet HTML 38Page - NXP Semiconductors LPC2109 Datasheet HTML 39Page - NXP Semiconductors LPC2109 Datasheet HTML 40Page - NXP Semiconductors LPC2109 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
37 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
Test conditions: Power-down mode entered executing code from on-chip flash.
Fig 17. Typical LPC2109/01, LPC2119/01, and LPC2129/01 core power-down current IDD(pd) measured at different
temperatures
002aad139
80
120
40
160
200
IDD(pd)
(
μA)
0
temperature (
°C)
−40
85
60
10
35
−15
1.95 V
1.8 V
1.65 V
Table 8.
Typical LPC2109/01 peripheral power consumption in active mode
Core voltage 1.8 V; Tamb =25 C; all measurements in A; PCLK = CCLK⁄4.
Peripheral
CCLK = 12 MHz
CCLK = 48 MHz
CCLK = 60 MHz
Timer0
43
141
184
Timer1
46
150
180
UART0
98
320
398
UART1
103
351
421
PWM0
103
341
407
I2C-bus
9
37
53
SPI0/1
6
27
29
RTC
165578
ADC
33
128
167
CAN1
230
764
914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com