Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2109 Datasheet HTML 1Page - NXP Semiconductors LPC2109 Datasheet HTML 2Page - NXP Semiconductors LPC2109 Datasheet HTML 3Page - NXP Semiconductors LPC2109 Datasheet HTML 4Page - NXP Semiconductors LPC2109 Datasheet HTML 5Page - NXP Semiconductors LPC2109 Datasheet HTML 6Page - NXP Semiconductors LPC2109 Datasheet HTML 7Page - NXP Semiconductors LPC2109 Datasheet HTML 8Page - NXP Semiconductors LPC2109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1.
General description
The LPC2109/2119/2129 are based on a 16/32-bit ARM7TDMI-S CPU with real-time
emulation and embedded trace support, together with 64/128/256 kB of embedded
high-speed flash memory. A 128-bit wide memory interface and a unique accelerator
architecture enable 32-bit code execution at maximum clock rate. For critical code size
applications, the alternative 16-bit Thumb mode reduces code by more than 30 % with
minimal performance penalty.
With their compact 64-pin package, low power consumption, various 32-bit timers,
4-channel 10-bit ADC, two advanced CAN channels, PWM channels and 46 fast GPIO
lines with up to nine external interrupt pins these microcontrollers are particularly suitable
for automotive and industrial control applications, as well as medical systems and
fault-tolerant maintenance buses. With a wide range of additional serial communications
interfaces, they are also suited for communication gateways and protocol converters as
well as many other general-purpose applications.
Remark: Throughout the data sheet, the term LPC2109/2119/2129 will apply to devices
with and without the /00 or /01 suffixes. The /00 or the /01 suffix will be used to
differentiate from other devices only when necessary.
2.
Features and benefits
2.1 Key features brought by LPC2109/2119/2129/01 devices
Fast GPIO ports enable port pin toggling up to 3.5 times faster than the original device.
They also allow for a port pin to be read at any time regardless of its function.
Dedicated result registers for ADC(s) reduce interrupt overhead. The ADC pads are
5 V tolerant when configured for digital I/O function(s).
UART0/1 include fractional baud rate generator, auto-bauding capabilities and
handshake flow-control fully implemented in hardware.
Buffered SSP serial controller supporting SPI, 4-wire SSI, and Microwire formats.
SPI programmable data length and master mode enhancement.
Diversified Code Read Protection (CRP) enables different security levels to be
implemented. This feature is available in LPC2109/2119/2129/00 devices as well.
General purpose timers can operate as external event counters.
2.2 Key features common for all devices
16/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 package.
8/16 kB on-chip SRAM.
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP
flash with 10-bit ADC and CAN
Rev. 7 — 14 June 2011
Product data sheet


Similar Part No. - LPC2109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2109FBD64/00 NXP-LPC2109FBD64/00 Datasheet
194Kb / 44P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2109FBD64/01 NXP-LPC2109FBD64/01 Datasheet
194Kb / 44P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2109 PHILIPS-LPC2109_15 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
More results

Similar Description - LPC2109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2109 PHILIPS-LPC2109_15 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com