Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 12Page - NXP Semiconductors LPC2109 Datasheet HTML 13Page - NXP Semiconductors LPC2109 Datasheet HTML 14Page - NXP Semiconductors LPC2109 Datasheet HTML 15Page - NXP Semiconductors LPC2109 Datasheet HTML 16Page - NXP Semiconductors LPC2109 Datasheet HTML 17Page - NXP Semiconductors LPC2109 Datasheet HTML 18Page - NXP Semiconductors LPC2109 Datasheet HTML 19Page - NXP Semiconductors LPC2109 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
16 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
• UART1 is equipped with standard modem interface signals. This module also
provides full support for hardware flow control (auto-CTS/RTS).
6.10.2 UART features available in LPC2109/2119/2129/01 only
Compared to previous LPC2000 microcontrollers, UARTs in LPC2109/2119/2129/01
introduce a fractional baud rate generator for both UARTs, enabling these microcontrollers
to achieve standard baud rates such as 115200 Bd with any crystal frequency above
2 MHz. In addition, auto-CTS/RTS flow-control functions are fully implemented in
hardware.
• Fractional baud rate generator enables standard baud rates such as 115200 Bd to be
achieved with any crystal frequency above 2 MHz.
• Auto-bauding.
• Auto-CTS/RTS flow-control fully implemented in hardware.
6.11 I2C-bus serial I/O controller
The I2C-bus is a bidirectional bus for inter-IC control using only two wires: a serial clock
line (SCL), and a serial data line (SDA). Each device is recognized by a unique address
and can operate as either a receiver-only device (e.g. an LCD driver or a transmitter with
the capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C-bus is a multi-master bus; it can be
controlled by more than one bus master connected to it.
The I2C-bus implemented in LPC2109/2119/2129 supports a bit rate up to 400 kbit/s (Fast
I2C-bus).
6.11.1 Features
• Standard I2C-bus compliant interface.
• Easy to configure as Master, Slave, or Master/Slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• The I2C-bus may be used for test and diagnostic purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com