Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 4 Page - Analog Devices

  AD5755 Datasheet HTML 1Page - Analog Devices AD5755 Datasheet HTML 2Page - Analog Devices AD5755 Datasheet HTML 3Page - Analog Devices AD5755 Datasheet HTML 4Page - Analog Devices AD5755 Datasheet HTML 5Page - Analog Devices AD5755 Datasheet HTML 6Page - Analog Devices AD5755 Datasheet HTML 7Page - Analog Devices AD5755 Datasheet HTML 8Page - Analog Devices AD5755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD5755
Rev. 0 | Page 4 of 48
SPECIFICATIONS
AVDD = VBOOST_x = 15 V; AVSS = −15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND =
GNDSWx = 0 V; REFIN = 5 V; voltage outputs: RL = 1 kΩ, CL = 220 pF; current outputs: RL = 300 Ω; all specifications TMIN to TMAX, unless
otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Output Voltage Ranges
0
5
V
0
10
V
AVDD must have minimum 2.2 V headroom on
output
−5
+5
V
−10
+10
V
AVDD/AVSS must have minimum 2.2 V headroom on
output
0
6
V
0
12
V
AVDD must have minimum 2.2 V headroom on
output
−6
+6
V
−12
+12
V
AVDD/AVSS must have minimum 2.2 V headroom on
output
Resolution
16
Bits
ACCURACY
AVSS = −15 V, loaded and unloaded
Total Unadjusted Error (TUE)
B Version
−0.04
+0.04
% FSR
−0.03
±0.0032
+0.03
% FSR
TA = 25°C
A Version
−0.25
+0.25
% FSR
−0.075
±0.02
+0.075
% FSR
TA = 25°C
TUE Long-Term Stability
35
ppm FSR
Drift after 1000 hours, TJ = 150°C
Relative Accuracy (INL)
−0.006
±0.0012
+0.006
% FSR
0 V to 5 V, 0 V to 10 V, ±5 V, ±10 V ranges
−0.008
±0.0012
+0.008
% FSR
On overranges
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.03
±0.002
+0.03
% FSR
Zero-Scale TC2
±2
ppm
FSR/°C
Bipolar Zero Error
−0.03
±0.002
+0.03
% FSR
Bipolar Zero TC2
±1
ppm
FSR/°C
Offset Error
−0.03
±0.002
+0.03
% FSR
Offset TC2
±2
ppm
FSR/°C
Gain Error
−0.03
±0.004
+0.03
% FSR
Gain TC2
±3
ppm
FSR/°C
Full-Scale Error
−0.03
±0.002
+0.03
% FSR
Full-Scale TC2
±2
ppm
FSR/°C
OUTPUT CHARACTERISTICS2
Headroom
1
2.2
V
Footroom
1
1.4
V
Output Voltage Drift vs. Time
20
ppm FSR
Drift after 1000 hours, ¾ scale output, TJ = 150°C,
AVSS = −15 V
Short-Circuit Current
12/6
16/8
mA
Programmable by user, defaults to 16 mA typical
level
Load
1
kΩ
For specified performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com