Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5755 Datasheet HTML 29Page - Analog Devices AD5755 Datasheet HTML 30Page - Analog Devices AD5755 Datasheet HTML 31Page - Analog Devices AD5755 Datasheet HTML 32Page - Analog Devices AD5755 Datasheet HTML 33Page - Analog Devices AD5755 Datasheet HTML 34Page - Analog Devices AD5755 Datasheet HTML 35Page - Analog Devices AD5755 Datasheet HTML 36Page - Analog Devices AD5755 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AD5755
Rev. 0 | Page 33 of 48
Gain Register
The 16-bit gain register, as shown in Table 11, allows the user to
adjust the gain of each channel in steps of 1 LSB. This is done by
setting the DREG[2:0] bits to 010. It is possible to write the
same gain code to all four DAC channels at the same time by
setting the DREG[2:0] bits to 011. The gain register coding is
straight binary as shown in Table 12. The default code in the
gain register is 0xFFFF. In theory, the gain can be tuned across
the full range of the output. In practice, the maximum
recommended gain trim is about 50% of programmed range to
maintain accuracy. See the Digital Offset and Gain Control
section in the Device Features section for more information.
Offset Register
The 16-bit offset register, as shown in Table 13, allows the user to
adjust the offset of each channel by −32,768 LSBs to +32,767 LSBs
in steps of 1 LSB. This is done by setting the DREG[2:0] bits to
100. It is possible to write the same offset code to all four DAC
channels at the same time by setting the DREG[2:0] bits to 101.
The offset register coding is straight binary as shown in Table 14.
The default code in the offset register is 0x8000, which results in
zero offset programmed to the output. See the Digital Offset
and Gain Control section in the Device Features section for
more information.
Clear Code Register
The 16-bit clear code register allows the user to set the clear
value of each channel as shown in Table 15. It is possible, via
software, to enable or disable on a per channel basis which
channels are cleared when the CLEAR pin is activated. The
default clear code is 0x0000. See the Asynchronous Clear
section in the Device Features section for more information.
Table 11. Programming the Gain Register
R/W
DUT_AD1
DUT_AD0
DREG2
DREG1
DREG0
DAC_AD1
DAC_AD0
D15 to D0
0
Device address
0
1
0
DAC channel address
Gain adjustment
Table 12. Gain Register
Gain Adjustment
G15
G14
G13
G12 to G4
G3
G2
G1
G0
+65,535 LSBs
1
1
1
1
1
1
1
1
+65,534 LSBs
1
1
1
1
1
1
0
0
…
…
…
…
…
…
…
…
…
1 LSB
0
0
0
0
0
0
0
1
0 LSBs
0
0
0
0
0
0
0
0
Table 13. Programming the Offset Register
R/W
DUT_AD1
DUT_AD0
DREG2
DREG1
DREG0
DAC_AD1
DAC_AD0
D15 to D0
0
Device address
1
0
0
DAC channel address
Offset adjustment
Table 14. Offset Register Options
Offset Adjustment
OF15
OF14
OF13
OF12 to OF4
OF3
OF2
OF1
OF0
+32,767 LSBs
1
1
1
1
1
1
1
1
+32,766 LSBs
1
1
1
1
1
1
0
0
…
…
…
…
…
…
…
…
…
No Adjustment (Default)
1
0
0
0
0
0
0
0
…
…
…
…
…
…
…
…
…
−32,767 LSBs
0
0
0
0
0
0
0
0
−32,768 LSBs
0
0
0
0
0
0
0
0
Table 15. Programming the Clear Code Register
R/W
DUT_AD1
DUT_AD0
DREG2
DREG1
DREG0
DAC_AD1
DAC_AD0
D15 to D0
0
Device address
1
1
0
DAC channel address
Clear code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com