Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 3 Page - Analog Devices

  AD5755 Datasheet HTML 1Page - Analog Devices AD5755 Datasheet HTML 2Page - Analog Devices AD5755 Datasheet HTML 3Page - Analog Devices AD5755 Datasheet HTML 4Page - Analog Devices AD5755 Datasheet HTML 5Page - Analog Devices AD5755 Datasheet HTML 6Page - Analog Devices AD5755 Datasheet HTML 7Page - Analog Devices AD5755 Datasheet HTML 8Page - Analog Devices AD5755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD5755
Rev. 0 | Page 3 of 48
DETAILED FUNCTIONAL BLOCK DIAGRAM
AD5755
AVSS
–15V
AGND
AVDD
+15V
AVCC
5.0V
DVDD
DGND
LDAC
CLEAR
SCLK
SDIN
SYNC
SDO
FAULT
DC-TO-DC
CONVERTER
POWER
CONTROL
INPUT
SHIFT
REGISTER
AND
CONTROL
STATUS
REGISTER
POWER-ON
RESET
REFERENCE
BUFFERS
DAC
REG A
INPUT
REG A
VREF
WATCHDOG
TIMER
(SPI ACTIVITY)
VOUT
RANGE
SCALING
ALERT
REFOUT
REFIN
AD1
AD0
DAC A
16
16
SWA
VBOOST_A
GAIN REG A
OFFSET REG A
R1
R2
R3
RSET_A
VOUT_A
IOUT_B, IOUT_C, IOUT_D
RSET_B, RSET_C, RSET_D
+VSENSE_B, +VSENSE_C, +VSENSE_D
VOUT_B, VOUT_C, VOUT_D
IOUT_A
+VSENSE_A
–VSENSE_A
DAC CHANNEL B
DAC CHANNEL A
DAC CHANNEL C
DAC CHANNEL D
SWB, SWC, SWD
VBOOST_B,VBOOST_C,VBOOST_D
7.4V TO 29.5V
REG
VSEN1
VSEN2
+
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com