Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5755 Datasheet HTML 14Page - Analog Devices AD5755 Datasheet HTML 15Page - Analog Devices AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices AD5755 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD5755
Rev. 0 | Page 18 of 48
15
10
5
0
–5
–10
–15
07
56
1
234
TIME (s)
8
9
10
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
60
40
20
0
–20
–40
–60
–80
–100
–120
–140
02
468
1
TIME (µs)
0
POC = 1
POC = 0
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
INT_ENABLE = 1
Figure 29. VOUT_x vs. Time on Output Enable
Figure 26. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
0
–120
–100
–80
–60
–40
–20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVDD = +15V
VBOOST = +15V
AVSS = –15V
TA = 25°C
300
200
100
0
–100
–200
–300
0
789
10
56
12
34
TIME (µs)
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
Figure 30. VOUT_x PSRR vs. Frequency
Figure 27. Peak-to-Peak Noise (100 kHz Bandwidth)
25
20
15
10
5
0
–5
–10
–15
–20
–25
0
255075
100
125
TIME (µs)
AVDD = +15V
AVSS = –15V
TA = 25°C
Figure 28. VOUT_x vs. Time on Power-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com