Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5755 Datasheet HTML 28Page - Analog Devices AD5755 Datasheet HTML 29Page - Analog Devices AD5755 Datasheet HTML 30Page - Analog Devices AD5755 Datasheet HTML 31Page - Analog Devices AD5755 Datasheet HTML 32Page - Analog Devices AD5755 Datasheet HTML 33Page - Analog Devices AD5755 Datasheet HTML 34Page - Analog Devices AD5755 Datasheet HTML 35Page - Analog Devices AD5755 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD5755
Rev. 0 | Page 32 of 48
DATA REGISTERS
The input register is 24 bits wide. When PEC is enabled, the
input register is 32 bits wide, with the last eight bits correspond-
ing to the PEC code (see the Packet Error Checking section for
more information on PEC). When writing to a data register, the
format in Table 8 must be used.
DAC Data Register
When writing to the AD5755 DAC data registers, D15 to D0 are
used for DAC data bits. Table 10 shows the register format and
Table 9 describes the function of Bit D23 to Bit D16.
Table 8. Writing to a Data Register
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
D15 to D0
R/W
DUT_AD1
DUT_AD0
DREG2
DREG1
DREG0
DAC_AD1
DAC_AD0
Data
Table 9. Input Register Decode
Bit
Description
R/W
Indicates a read from or a write to the addressed register.
DUT_AD1, DUT_AD0
Used in association with the external pins, AD1 and AD0, to determine which AD5755 device is being addressed
by the system controller.
DUT_AD1
DUT_AD0
Function
0
0
Addresses part with Pin AD1 = 0, Pin AD0 = 0
0
1
Addresses part with Pin AD1 = 0, Pin AD0 = 1
1
0
Addresses part with Pin AD1 = 1, Pin AD0 = 0
1
1
Addresses part with Pin AD1 = 1, Pin AD0 = 1
DREG2, DREG1, DREG0
Selects whether a data register or a control register is written to. If a control register is selected, a further decode
of CREG bits (see Table 17) is required to select the particular control register, as follows.
DREG2
DREG1
DREG0
Function
0
0
0
Write to DAC data register (individual channel write)
0
1
0
Write to gain register
0
1
1
Write to gain register (all DACs)
1
0
0
Write to offset register
1
0
1
Write to offset register (all DACs)
1
1
0
Write to clear code register
1
1
1
Write to a control register
DAC_AD1, DAC_AD0
These bits are used to decode the DAC channel.
DAC_AD1
DAC_AD0
DAC Channel/Register Address
0
0
DAC A
0
1
DAC B
1
0
DAC C
1
1
DAC D
X
X
These are don’t cares if they are not relevant to the operation being performed.
Table 10. Programming the DAC Data Registers
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
D15 to D0
R/W
DUT_AD1
DUT_AD0
DREG2
DREG1
DREG0
DAC_AD1
DAC_AD0
DAC data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com